Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFX64N50Q3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFX64N50Q3
Description  N-Channel Enhancement Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX64N50Q3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFX64N50Q3 Datasheet HTML 1Page - IXYS Corporation IXFX64N50Q3 Datasheet HTML 2Page - IXYS Corporation IXFX64N50Q3 Datasheet HTML 3Page - IXYS Corporation IXFX64N50Q3 Datasheet HTML 4Page - IXYS Corporation IXFX64N50Q3 Datasheet HTML 5Page - IXYS Corporation IXFX64N50Q3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2011 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
500
V
V
GSS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C
64
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
160
A
I
A
T
C = 25°C
64
A
E
AS
T
C = 25°C4
J
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
50
V/ns
P
D
T
C = 25°C
1000
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque (TO-264)
1.13/10
Nm/lb.in.
F
C
Mounting Force
(PLUS247)
20..120 /4.5..27
N/lb.
Weight
TO-264
10
g
PLUS247
6
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 1mA
500
V
V
GS(th)
V
DS = VGS, ID = 4mA
3.5
6.5
V
I
GSS
V
GS = ±30V, VDS = 0V
±200 nA
I
DSS
V
DS = VDSS, VGS = 0V
50
μA
T
J = 125°C
2 mA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
85 m
Ω
HiperFETTM
Power MOSFETs
Q3-Class
IXFK64N50Q3
IXFX64N50Q3
V
DSS
=
500V
I
D25
=
64A
R
DS(on) ≤
≤≤≤≤
85m
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤
250ns
DS100346(06/11)
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Rectifier
G = Gate
D
= Drain
S = Source
Tab = Drain
PLUS247 (IXFX)
Tab
G
D
S
TO-264 (IXFK)
S
G
D
Tab
Features
Low Intrinsic Gate Resistance
Low Package Inductance
Fast Intrinsic Rectifier
Low R
DS(on) and QG
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
DC-DC Converters
Battery Chargers
Switch-Mode and Resonant-Mode
Power Supplies
DC Choppers
Temperature and Lighting Controls
Advance Technical Information


Similar Part No. - IXFX64N50Q3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFX64N50P IXYS-IXFX64N50P Datasheet
146Kb / 4P
Polar Power MOSFET HiPerFET
logo
Inchange Semiconductor ...
IXFX64N50P ISC-IXFX64N50P Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFX64N50Q3

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com