Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFX64N50Q3 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFX64N50Q3
Description  N-Channel Enhancement Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX64N50Q3 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFX64N50Q3 Datasheet HTML 1Page - IXYS Corporation IXFX64N50Q3 Datasheet HTML 2Page - IXYS Corporation IXFX64N50Q3 Datasheet HTML 3Page - IXYS Corporation IXFX64N50Q3 Datasheet HTML 4Page - IXYS Corporation IXFX64N50Q3 Datasheet HTML 5Page - IXYS Corporation IXFX64N50Q3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXFK64N50Q3
IXFX64N50Q3
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
Fig. 7. Input Admittance
0
10
20
30
40
50
60
70
80
90
100
44.5
55.5
66.5
77.5
88.5
99.5
VGS - Volts
TJ = 125ºC
- 40ºC
25ºC
Fig. 8. Transconductance
0
10
20
30
40
50
60
70
80
0
10
2030
40
50
607080
90
100
ID - Amperes
TJ = - 40ºC
125ºC
25ºC
Fig. 9. Forward Voltage Drop of Intrinsic Diode
0
20
40
60
80
100
120
140
160
180
200
0.30.4
0.50.6
0.7
0.8
0.91.0
1.11.2
1.3
VSD - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 10. Gate Charge
0
2
4
6
8
10
12
14
16
0
50
100
150
200
QG - NanoCoulombs
VDS = 250V
I D = 32A
I G = 10mA
Fig. 11. Capacitance
10
100
1,000
10,000
100,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 12. Forward-Bias Safe Operating Area
1
10
100
1000
10
100
1,000
VDS - Volts
TJ = 150ºC
TC = 25ºC
Single Pulse
100µs
1ms
RDS(on) Limit
25µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com