Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH32P20T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTH32P20T
Description  P-Channel Enhancement Mode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH32P20T Datasheet(HTML) 2 Page - IXYS Corporation

  IXTH32P20T Datasheet HTML 1Page - IXYS Corporation IXTH32P20T Datasheet HTML 2Page - IXYS Corporation IXTH32P20T Datasheet HTML 3Page - IXYS Corporation IXTH32P20T Datasheet HTML 4Page - IXYS Corporation IXTH32P20T Datasheet HTML 5Page - IXYS Corporation IXTH32P20T Datasheet HTML 6Page - IXYS Corporation IXTH32P20T Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTA32P20T IXTQ32P20T
IXTP32P20T IXTH32P20T
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note
1: Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = -10V, ID = 0.5 • ID25,
Note 1
18
30
S
C
iss
14.5
nF
C
oss
V
GS = 0V, VDS = - 25V, f = 1MHz
565
pF
C
rss
105
pF
t
d(on)
32
ns
t
r
15
ns
t
d(off)
57
ns
t
f
12
ns
Q
g(on)
185
nC
Q
gs
V
GS = -10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
66
nC
Q
gd
45
nC
R
thJC
0.42
°C/W
R
thCS
TO-220
0.50
°C/W
TO-247 &TO-3P
0.21
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
- 32
A
I
SM
Repetitive, Pulse Width Limited by T
JM
- 128
A
V
SD
I
F = - 32A, VGS = 0V, Note 1
-1.3
V
t
rr
190
ns
Q
RM
1.7
μC
I
RM
-17.8
A
Resistive Switching Times
V
GS = -10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 1Ω (External)
I
F = -16A, -di/dt = -100A/μs
V
R = -100V, VGS = 0V
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from data gathered during objective characterizations of preliminary engineering lots; but also may yet
contain some information supplied during a pre-production design evaluation. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com