Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH32P20T Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXTH32P20T
Description  P-Channel Enhancement Mode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH32P20T Datasheet(HTML) 6 Page - IXYS Corporation

  IXTH32P20T Datasheet HTML 1Page - IXYS Corporation IXTH32P20T Datasheet HTML 2Page - IXYS Corporation IXTH32P20T Datasheet HTML 3Page - IXYS Corporation IXTH32P20T Datasheet HTML 4Page - IXYS Corporation IXTH32P20T Datasheet HTML 5Page - IXYS Corporation IXTH32P20T Datasheet HTML 6Page - IXYS Corporation IXTH32P20T Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTA32P20T IXTQ32P20T
IXTP32P20T IXTH32P20T
Fig. 14. Resistive Turn-on Rise Time vs.
Drain Current
13.0
13.5
14.0
14.5
15.0
15.5
16.0
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
ID - Amperes
RG = 1Ω , VGS = -10V
VDS = -100V
25ºC < TJ < 125ºC
Fig. 15. Resistive Turn-on Switching Times vs.
Gate Resistance
0
20
40
60
80
100
120
140
160
0
2
4
6
8
1012141618
RG - Ohms
10
20
30
40
50
60
70
80
90
t r
td(on) - - - -
TJ = 125ºC, VGS = -10V
VDS = -100V
I D = - 64A, - 32A
Fig. 16. Resistive Turn-off Switching Times vs.
Junction Temperature
9
10
11
12
13
14
15
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
40
45
50
55
60
65
70
t f
td(off) - - - -
RG = 1Ω, VGS = -10V
VDS = -100V
I D = - 64A
I D = - 32A
Fig. 17. Resistive Turn-off Switching Times vs.
Drain Current
45
50
55
60
65
70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
ID - Amperes
10.5
11.0
11.5
12.0
12.5
13.0
t f
td(off) - - - -
RG = 10Ω, VGS = -10V
VDS = -100V
TJ = 25ºC
TJ = 125ºC
Fig. 13. Resistive Turn-on Rise Time vs.
Junction Temperature
13.0
13.5
14.0
14.5
15.0
15.5
16.0
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 1Ω , VGS = -10V
VDS = -100V
- 64A < ID < - 32A
Fig. 18. Resistive Turn-off Switching Times vs.
Gate Resistance
0
20
40
60
80
100
120
140
0
2
4
6
8
1012141618
RG - Ohms
20
60
100
140
180
220
260
300
t f
td(off) - - - -
TJ = 125ºC, VGS = -10V
VDS = -100V
I D = - 32A
I D = - 64A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com