Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP6C-RKW Datasheet(PDF) 3 Page - Marktech Corporate

Part # CLP6C-RKW
Description  PLCC6 3-in-1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLP6C-RKW Datasheet(HTML) 3 Page - Marktech Corporate

  CLP6C-RKW Datasheet HTML 1Page - Marktech Corporate CLP6C-RKW Datasheet HTML 2Page - Marktech Corporate CLP6C-RKW Datasheet HTML 3Page - Marktech Corporate CLP6C-RKW Datasheet HTML 4Page - Marktech Corporate CLP6C-RKW Datasheet HTML 5Page - Marktech Corporate CLP6C-RKW Datasheet HTML 6Page - Marktech Corporate CLP6C-RKW Datasheet HTML 7Page - Marktech Corporate CLP6C-RKW Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
CLD-CT1183.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Intensity Bin Limit (I
F = 3 x 50 mA)
Red (CLP6C-RKW)
Bin Code
Min. (mcd)
Max. (mcd)
Yb
3550
4500
Z0
4500
5600
A0
5600
7100
Color Bin Limit (I
F = 3 x 50 mA)
Amber (CLP6C-AKW)
Bin Code
Min. (mcd)
Max. (mcd)
Yb
3550
4500
Z0
4500
5600
A0
5600
7100
B0
7100
9000
Tolerance of measurement of luminous intensity is ±10%.
Red
Bin Code
Min. (nm)
Max. (nm)
RA
618
630
Amber
Bin Code
Min. (nm)
Max. (nm)
AA
584
596
Tolerance of measurement of dominant wavelength is ±1 nm.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com