Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP6C-RKW Datasheet(PDF) 1 Page - Marktech Corporate

Part # CLP6C-RKW
Description  PLCC6 3-in-1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLP6C-RKW Datasheet(HTML) 1 Page - Marktech Corporate

  CLP6C-RKW Datasheet HTML 1Page - Marktech Corporate CLP6C-RKW Datasheet HTML 2Page - Marktech Corporate CLP6C-RKW Datasheet HTML 3Page - Marktech Corporate CLP6C-RKW Datasheet HTML 4Page - Marktech Corporate CLP6C-RKW Datasheet HTML 5Page - Marktech Corporate CLP6C-RKW Datasheet HTML 6Page - Marktech Corporate CLP6C-RKW Datasheet HTML 7Page - Marktech Corporate CLP6C-RKW Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
FEATURES
• Size (mm): 6.0 x 5.0
• Color and Typical Dominant Wavelength (nm):
»
Red (618-630)
»
Amber (584-596)
• Luminous Intensity (mcd):
»
CLP6C-RKW (3550-7100)
»
CLP6C-AKW (3550-9000)
• Viewing Angle: 120 degrees
• Lead-Free
• RoHS-Compliant
APPLICATIONS
• Light Strip
• Channel Letter
• Backlight
Cree® PLCC6 3-in-1 SMD LED
CLP6C-RKW/AKW
Data Sheet
These SMD LEDs are packaged in an industry-standard PLCC6 package. These
high-reliability and high-brightness LEDs are designed to work in a wide range of
environmental conditions and are ideally suited for use in illumination applications.
Their wide viewing angle makes these LEDs ideally suited for channel-letter or
general-backlighting and illumination applications. The flat-top emitting surface
makes it easy for these LEDs to mate with light pipes.


Similar Part No. - CLP6C-RKW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLP6C-RKW CREE-CLP6C-RKW Datasheet
493Kb / 8P
PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
Cree짰 PLCC6 3-in-1 SMD LED
logo
Cree LED
CLP6C-RKW-AKW CREELED-CLP6C-RKW-AKW Datasheet
713Kb / 9P
CLP6C-RKW/AKW: PLCC6 3 IN 1 SMD LED
REV 5
logo
Cree, Inc
CLP6C-RKW-CYBA0AA3 CREE-CLP6C-RKW-CYBA0AA3 Datasheet
493Kb / 8P
PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6C-RKW-CYbA0AA3 MARKTECH-CLP6C-RKW-CYbA0AA3 Datasheet
493Kb / 8P
Cree짰 PLCC6 3-in-1 SMD LED
More results

Similar Description - CLP6C-RKW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLP6B-WKW CREE-CLP6B-WKW Datasheet
639Kb / 10P
PLCC6 3-in-1 SMD LED
CLP6C-RKW CREE-CLP6C-RKW Datasheet
493Kb / 8P
PLCC6 3-in-1 SMD LED
CLV6A-FKB CREE-CLV6A-FKB Datasheet
583Kb / 11P
PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB Datasheet
511Kb / 9P
PLCC6 3 in 1 SMD LED
CLP6C-FKB MARKTECH-CLP6C-FKB_15 Datasheet
511Kb / 9P
PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLY6D-FKC CREE-CLY6D-FKC Datasheet
1Mb / 10P
PLCC6 3 in 1 SMD LED
CLV6B-FKB CREE-CLV6B-FKB Datasheet
1Mb / 11P
PLCC6 3-in-1 SMD LED
CLV6D-FKB CREE-CLV6D-FKB Datasheet
1Mb / 11P
PLCC6 3-in-1 SMD LED
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
PLCC6 3 in 1 SMD LED
CLYBA-FKA CREE-CLYBA-FKA Datasheet
1Mb / 10P
PLCC6 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com