Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045PT Datasheet(PDF) 1 Page - General Semiconductor

Part # MBR3045PT
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MBR3045PT Datasheet(HTML) 1 Page - General Semiconductor

  MBR3045PT Datasheet HTML 1Page - General Semiconductor MBR3045PT Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR3035PT THRU MBR3060PT
SCHOTTKY RECTIFIER
Reverse Voltage - 35 to 60 Volts
Forward Current - 30.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory Flammability
Classifications 94V-0
♦ Dual rectifier construction, positive center-tap
♦ Metal silicon junction,
majority carrier conduction
♦ Low power loss,
high efficiency
♦ High current capability, low forward voltage drop
♦ High surge capability
♦ For use in low voltage, high frequency inverters,
free-wheeling, and polarity protection applications
♦ Guardring for overvoltage protection
♦ High temperature soldering guaranteed:
250°C/10 seconds, 0.17” (4.3mm) from case
MECHANICAL DATA
Case: JEDEC TO-247AD molded plastic body
Terminals: Lead solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 10 in.- lbs. max.
Weight: 0.2 ounce, 5.6 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
MBR3035PT
MBR3045PT
MBR3050PT
MBR3060PT
UNITS
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
Volts
Maximum working peak reverse voltage
VRWM
35
45
50
60
Volts
Maximum DC blocking voltage
VDC
35
45
50
60
Volts
Maximum average forward rectified current
(SEE FIG. 1)
I(AV)
30.0
Amps
Peak repetitive forward current per leg at TC=105°C
(rated VR, square wave, 20 KHZ)
IFRM
30.0
Amps
Peak forward surge current, 8.3ms single
half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
200.0
Amps
Peak repetitive reverse surge current (NOTE 2)
IRRM
2.0
1.0
Amps
Maximum instantaneous forward voltage
per leg at:
IF=20A, TC=25°C
_
0.75
(NOTE 1)
IF=20A, TC=125°C
VF
0.60
0.65
Volts
IF=30A, TC=25°C
0.76
_
IF=30A, TC=125°C
0.72
_
Maximum instantaneous reverse current
at rated DC blocking voltage
TC=25°C
IR
1.0
5.0
mA
per leg (NOTE 2)
TC=125°C
60.0
100.0
Maximum thermal resistance (NOTE 3)R
ΘJC
1.4
°C/W
Voltage rate of change at (rated VR)
dv/dt
10,000
V/
µs
Operating junction temperature range
TJ
-65 to +150
°C
Storage temperature range
TSTG
-65 to +175
°C
NOTES:
(1) 2.0
µs pulse width, f=1.0 KHZ
(2) Pulse test: 300
µs pulse width, 1% duty cycle
(3) Thermal resistance from junction to case per leg
4/98
PIN 1
PIN 3
CASE
0.245 (6.2)
0.225 (5.7)
0.645 (16.4)
0.625 (15.9)
0.323 (8.2)
0.313 (7.9)
0.142 (3.6)
0.138 (3.5)
0.170
(4.3)
0.086 (2.18)
0.076 (1.93)
0.160 (4.1)
0.140 (3.5)
0.225 (5.7)
0.205 (5.2)
0.127 (3.22)
0.117 (2.97)
0.048 (1.22)
0.044 (1.12)
0.795 (20.2)
0.775 (19.6)
0.840 (21.3)
0.820 (20.8)
1
2
3
0.078 REF
(1.98)
0.203 (5.16)
0.193 (4.90)
10
o TYP.
BOTH SIDES
30o
10
o
1
o
REF.
0.118 (3.0)
0.108 (2.7)
0.030 (0.76)
0.020 (0.51)
BOTH SIDES
PIN 2
TO-247AD
Dimensions in inches and (millimeters)


Similar Part No. - MBR3045PT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR3045PT FAIRCHILD-MBR3045PT Datasheet
55Kb / 3P
Schottky Rectifiers
logo
Diodes Incorporated
MBR3045PT DIODES-MBR3045PT Datasheet
64Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. E-2
MBR3045PT DIODES-MBR3045PT Datasheet
62Kb / 3P
30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. 8 - 2
logo
Micro Commercial Compon...
MBR3045PT MCC-MBR3045PT Datasheet
1Mb / 3P
30 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Taiwan Semiconductor Co...
MBR3045PT TSC-MBR3045PT Datasheet
111Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR3045PT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com