Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045PT Datasheet(PDF) 2 Page - General Semiconductor

Part # MBR3045PT
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MBR3045PT Datasheet(HTML) 2 Page - General Semiconductor

  MBR3045PT Datasheet HTML 1Page - General Semiconductor MBR3045PT Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
110
100
0
50
100
150
200
250
300
0.01
0.1
1
10
100
0.1
1
10
100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0.01
0.1
1
10
50
0.1
1
10
100
100
1,000
5,000
0
50
100
150
0
6
12
18
24
30
020
40
60
80
100
0.001
0.01
0.1
1
10
50
RATINGS AND CHARACTERISTIC CURVES MBR3035PT THRU MBR3060PT
TJ=150°C
MBR3035PT - MBR3045PT
MBR3050PT & MBR3060PT
FIG. 1 - FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, °C
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT PER LEG
NUMBER OF CYCLES AT 60 Hz
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS PER LEG
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PER LEG
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE PER LEG
REVERSE VOLTAGE, VOLTS
TJ=TJ max.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
RESISTIVE OR INDUCTIVE LOAD
TJ=75°C
TJ=25°C
TJ=25°C
PULSE WIDTH=300
µs
TJ=125°C
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG
t, PULSE DURATION, sec.
MBR3035PT - MBR3045PT
MBR3050PT & MBR3060PT
MBR3035PT - MBR3045PT
MBR3050PT & MBR3060PT
MBR3035PT - MBR3045PT
MBR3050PT & MBR3060PT
TJ=25°C
f=1.0 MHz
Vsig=50mVp-p



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com