Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB16R-2295SW Datasheet(PDF) 8 Page - Amphenol Corporation

Part # MB16R-2295SW
Description  MIL-C-26482, Series 2 Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MB16R-2295SW Datasheet(HTML) 8 Page - Amphenol Corporation

Back Button MB16R-2295SW Datasheet HTML 4Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 5Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 6Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 7Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 8Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 9Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 10Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 11Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 12Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
7
A Max. Typ.
Master Keyway
B
K Max.
Typ.
.290 Min. Full Thread
.190
.130
Grommet Extension
C
Dia.
1.405 Max
Shell 8 Thru 18
1.465 Max.
Shell 20, 22, & 24
E
F
H Accessory
Thread
3 Teeth Equally
Spaced 120 Apart
D Dia. Max.
Grommet
Blue Color Band
Blue Color Band
J Mounting Thread
Lockwire Hole 3-Places
Equally Spaced
˚
Receptacle Shell, Jam Nut Mount,
Bayonet Coupling
Military No. MS3474
Amphenol/Matrix No. MB14
To complete order number see how to order, page 14.
Shell
Size
A
Max.
B
±.005
C Dia.
±.003
D Dia.
Max.
E
F
H
Accessory Thread
Class 2A
J
Mounting Thread
Class 2A
K
Max.
8
.954
.525
.471
.305
.707/.658
.113/.086
.5000-20 UNF
.5625-24 UNEF
.767
10
1.078
.650
.588
.405
.707/.658
.113/.086
.6250-24 UNF
.6875-24 UNEF
.892
12
1.266
.813
.748
.531
.707/.658
.113/.086
.7500-20 UNEF
.8750-20 UNEF
1.079
14
1.391
.937
.873
.665
.707/.658
.113/.086
.8750-20 UNEF
1.0000-20 UNEF
1.205
16
1.516
1.061
.998
.790
.707/.658
.113/.086
1.0000-20 UNEF
1.1250-18 UNEF
1.329
18
1.641
1.186
1.123
.869
.707/.658
.113/.086
1.0625-18 UNEF
1.2500-18 UNEF
1.455
20
1.828
1.311
1.248
.994
.772/.721
.148/.096
1.1875-18 UNEF
1.3750-18 UNEF
1.579
22
1.954
1.436
1.373
1.119
.772/.721
.148/.096
1.3125-18 UNEF
1.5000-18 UNEF
1.705
24
2.078
1.561
1.498
1.244
.772/.721
.148/.096
1.4375-18 UNEF
1.6250-18 UNEF
1.829
Miniature Cylindrical MIL-C-26482, Series 2
MS3474
jam nut receptacle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com