Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB16R-2295SW Datasheet(PDF) 9 Page - Amphenol Corporation

Part # MB16R-2295SW
Description  MIL-C-26482, Series 2 Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MB16R-2295SW Datasheet(HTML) 9 Page - Amphenol Corporation

Back Button MB16R-2295SW Datasheet HTML 5Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 6Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 7Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 8Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 9Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 10Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 11Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 12Page - Amphenol Corporation MB16R-2295SW Datasheet HTML 13Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
8
A Dia.
Max.
Over
Knurl
Master
Keyway
1.420 Max.
.320 Min.
Fully Coupled Indicators
.190
.130
Grommet Extension
B Dia. Max
Grommet
Blue Color
Band
.290 Min. Full Thread
H Accessory Thread
3 Teeth Equally
Spaced 120 Apart
˚
A Dia.
Max.
Over
Knurl
Master Keyway
1.420 Max.
.320 Min.
Fully Coupled Indicators
.190
.130
Grommet Extension
B Dia. Max
Grommet
Blue
Color Band
.290 Min. Full Thread
H Accessory Thread
3 Teeth Equally
Spaced 120 Apart
RFI
Fingers
˚
Plug Shell,
Bayonet Coupling
Military No. MS3476
Amphenol/Matrix No. MB16
Plug Shell, RFI Grounding,
Bayonet Coupling
Military No. MS3475
Amphenol/Matrix No. MB18
To complete order number see how to order, page 14.
Shell
Size
A Dia.
Max.
B Dia.
Max.
H
Accessory Thread
Class 2A
8
.782
.305
.5000-20 UNF
10
.926
.405
.6250-24 UNEF
12
1.043
.531
.7500-20 UNEF
14
1.183
.665
.8750-20 UNEF
16
1.305
.790
1.0000-20 UNEF
18
1.391
.869
1.0625-18 UNEF
20
1.531
.994
1.1875-18 UNEF
22
1.656
1.119
1.3125-18 UNEF
24
1.777
1.244
1.4375-18 UNEF
Miniature Cylindrical MIL-C-26482, Series 2
MS3476 straight plug
MS3475 straight plug with RFI grounding fingers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com