Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPO4EMBD Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DPO4EMBD
Description  Serial Triggering and Analysis ApplicationModules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPO4EMBD Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DPO4EMBD Datasheet HTML 3Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 4Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 5Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 6Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 7Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 8Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 9Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 10Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Serial Triggering and Analysis Application Modules — AERO • AUDIO • AUTO • AUTOMAX • COMP • EMBD • FLEX
CAN Characteristics
Bus Setup Options
Characteristic
Description
Source for CAN_H,
CAN_L, Rx, or Tx
Probing
Analog channels 1-4
Digital channels D0-D15 (MSO models only)
Source for
Differential Probing
Analog channels 1-4
Thresholds
Per-channel thresholds
Recommended Probing
CAN_H, CAN_L,
Rx, Tx
Single Ended
Differential
Differential
Bit Rate
Pre-defined list of
rates
10 Kb/s - 1Mb/s
Custom
10 Kb/s - 1 Mb/s
Sample Point
Position at 5% to 95% within bit period or unit interval
Formats Available
Hex
Binary
Display Modes
Bus
Bus only
Bus and
Waveforms
Simultaneous display of bus and digital waveforms
Event Table
Decoded packet data in a tabular view
Bus Trigger and Search Options
Characteristic
Description
Trigger and/or
Search On
StartofFrame
Type of Frame (Data, Remote, Error, Overload)
Identifier (Standard or Extended)
Data (number of bytes 1-8, trigger or search when =, ≠,<,
>, ≤, ≥)
ID and Data
End of Frame
Missing Ack
Bit Stuffing Error
Bus Decode
Characteristic
Description
Maximum Bit Rate
Up to 1 Mb/s (for automated decoding of bus)
Decode Display
Start (green bracket)
Identifier (yellow box)
DLC, CRC (purple box)
Missing Ack (red ! symbol)
Data (cyan box)
Stop (red bracket)
Errors (red box)
- End of Frame
-Bit Stuffing
CAN bus setup, showing signal type options for CAN bus.
Triggering on a specific data value on the CAN bus.
Event table for CAN bus with all captured packets time stamped and in a tabular view.
www.tektronix.com 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com