Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPO4EMBD Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DPO4EMBD
Description  Serial Triggering and Analysis ApplicationModules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPO4EMBD Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DPO4EMBD Datasheet HTML 5Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 6Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 7Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 8Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 9Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 10Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 11Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 12Page - List of Unclassifed Manufacturers DPO4EMBD Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Serial Triggering and Analysis Application Modules — AERO • AUDIO • AUTO • AUTOMAX • COMP • EMBD • FLEX
FlexRay Characteristics
Bus Setup Options
Characteristic
Description
Source for
Single-ended
Probing
Analog channels 1-4
Digital channels D0-D15 (MSO models only)
Source for
Differential Probing
Analog channels 1-4
Thresholds
High and Low thresholds per channel
Recommended
Probing
Single Ended or Differential
Decode Configuration
Bit rate
2.5 Mb/s, 5 Mb/s, 10 Mb/s, or Custom (1 Mb/s - 100 Mb/s)
Channel type
AorB
Polarity
BDiff or BP, BM, Tx or Rx
Formats Available
Decimal: ID, Len and Count; Hex: CRCs and Data
Hex
Binary
Display Modes
Bus
Bus only
Bus and
Waveforms
Simultaneous display of bus and digital waveforms
Event Table
Decoded packet data in a tabular view
Bus Decode
Characteristic
Description
Maximum Bit Rate
Up to 10 Mb/s (for automated decoding of bus)
Decode Display
TTS (purple box)
Start (green bracket)
Frame ID (yellow box)
Payload Length (purple box)
Headers (purple box)
-Null
-Normal
-Sync
- Payload
-Startup
- Unknown
-NullSync
- Payload Sync
-NullStartup
- Payload Startup
- CRC
Cycle Count (yellow box)
Data (cyan box)
CRC, DTS, CID (purple box)
Stop (red bracket)
-TSS
- Header CRC
- Trailer CRC
-NullFrame
-SyncFrame
- Startup Frame
-BSS
-FSS
Bus Trigger and Search Options
Characteristic
Description
Trigger and/or
Search On
StartofFrame
Indicator Bits (Normal, Null, Payload, Sync, Startup)
Identifier (trigger when =, ≠,<,>, ≤, ≥, inside range, outside
range)
Cycle Count (trigger when =, ≠,<, >, ≤, ≥, inside range,
outside range)
Header Fields (Indicator Bits, Identifier, Payload Length,
Header CRC, and Cycle Count)
Data (number of bits 1-16; byte offset ‘don’t care’ – 253;
trigger when =, ≠,<,>, ≤, ≥, inside range, outside range)
ID and Data
End of Frame (Static, Dynamic (DTS), All)
Error (Header CRC, Trailer CRC, Null Frame, Sync Frame,
Startup Frame)
FlexRay bus setup, showing input options for FlexRay bus.
PC-based, eye-diagram analysis software built an eye-diagram from the entire acquisition
and plotted it against TP1 mask.
www.tektronix.com 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com