Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CATALYSTLP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CATALYSTLP
Description  Dual core for high-speed applications 400MHz graphics engine High bandwidth I/O
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CATALYSTLP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CATALYSTLP Datasheet HTML 1Page - List of Unclassifed Manufacturers CATALYSTLP Datasheet HTML 2Page - List of Unclassifed Manufacturers CATALYSTLP Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
System Architecture
North America
sales.na@eurotech.com
Europe, Middle East and Africa
sales.emea@eurotech.com
Latin America
sales.la@eurotech.com
Asia Pacific
sales.ap@eurotech.com
For your local contact please refer to:
www.eurotech.com/contacts
PROCESSOR
• Intel® Atom™ Processor N450 (single core)
• Intel® Atom™ Processor D510 (single core)
• Intel® ICH8M companion chip
RAM MEMORY
Up to 2GB DDR2 SDRAM at 667MHz
FLASH MEMORY
Optional on-board SSD Flash support up to 32GB
OPERATING SYSTEM
• Windows Embedded Standard
• Wind River Linux
• Other RTOS (contact for details)
SOFTWARE FRAMEWORK
Everyware™ Software Framework
NETWORK
10/100/1000 BASE-T Ethernet (magnetic only resident on carrier board)
USB
• 9x USB 2.0 ports
• USB port disable capability
I2C
I2C bus
LPC
LPC bus
SM Bus
SM Bus interface
VIDEO
• 1x LVDS interface with 18-bit color
• 1x VGA interface
• Dual independent display output capability
AUDIO
Intel® High Definition Audio
TRUSTED PLATFORM MODULE
TPM available on set configurations
EXPANSION BUSES
• 4x one-lane PCIe interfaces or optionally 1x four-lane
• 2x SATA interface
• 2x SD/MMC interfaces
POWER
3.3V and 5.0V (± 5%)
TEMPERATURE
Operating: 0ºC to +70ºC
PHYSICAL
Dimensions: 67 x 100 mm
ADAPTER BOARD EXPANDABILITY
Customization options include:
Serial ports (RS-232, RS-485, optically isolated)
4/5/8-wire touchscreen interface
Parallel port
Digital I/O
Analog I/O
CanBUS
Microphone and speaker audio
ORDER CODES
• 900125-1006R: Catalyst LP Module Intel Atom D510 (dual core), C Temp,
1.6GHz, 1GB DRAM
• 900125-1007R: Catalyst LP Module Intel Atom D510 (dual core), C Temp,
1.6GHz, 2GB DRAM, 8GB Flash SSD, TPM
• 900125-1008R: Catalyst LP Module Intel Atom N450 (single core), C Temp,
1.6GHz, 1GB DRAM
• CTLP1007: Catalyst LP Development Kit, Catalyst LP Module Intel Atom
D510 (dual core), C Temp, 1.6GHz, 2GB DRAM, 8GB MMC, 4GB
CompactFlash®, TPM
• CTLP1008: Catalyst LP Development Kit, Catalyst LP Module Intel Atom
N450 (single core), C Temp, 1.6GHz, 1GB DRAM, 4GB CompactFlash®
Catalyst LP
Note: The information in this document is subject to change without notice and should not be construed as a commitment by EUROTECH.
While reasonable precautions have been taken, EUROTECH assumes no responsibility for any error that may appear in this document.
All trademarks or registered trademarks are the properties of their respective companies.
ETH_Catalyst LP_DS_02/2011
High Performance Module Based
on Dual Core Intel Atom



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com