Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CATALYSTLP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CATALYSTLP
Description  Dual core for high-speed applications 400MHz graphics engine High bandwidth I/O
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CATALYSTLP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CATALYSTLP Datasheet HTML 1Page - List of Unclassifed Manufacturers CATALYSTLP Datasheet HTML 2Page - List of Unclassifed Manufacturers CATALYSTLP Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CPU – Intel Atom N450 and D510 with Intel ICH8M companion
chip
Memory/boot options – Up to 2GB of DDR2 SDRAM,
SD/MMC slots, dual SATA, and SSD Flash support up to 32GB
Multimedia – VGA, 18-bit color LVDS, dual display, Intel® HD
Audio
Mechanical – Fanless 67 x 100 mm form factor
Power management – Power management across operating
systems with consumption specs at 7W – 9W typical for single
core and 11W – 13W typical for dual core
Connectivity & I/O – PCle, Gigabit Ethernet and USB 2.0
Operating system – Pre-loaded Windows Embedded Standard
or Wind River Linux
Software framework – Eurotech’s Everyware™ Software
Framework based on Java VME, with simplified foundation
bundles supported allowing for fast application-specific code
development.
The Catalyst LP, based on the Intel Atom N450 and D510 processors and the
Intel ICH8M companion chip, offers dual core processing, high end graphics,
rich high speed I/O, and more. All of this capability is brought out in the fanless
67 x 100 mm form factor typical of the Catalyst product family.
With a 400MHz graphics engine, the Catalyst LP offers high-performance
graphics with 2-D and 3-D visualization for markets where high-resolution
displays are critical, such as in digital signage. In addition, high bandwidth
I/O capability and data storage interfaces like SATA make the Catalyst LP
ideal for applications requiring extensive data retrieval and processing such
as those in the industrial, medical, or human-machine interface markets.
The compact, fanless design is well suited for devices both small and powerful.
The Catalyst LP supports Windows Embedded Standard and Wind River Linux
3.0. Support for Eurotech’s Everyware™ Software Framework (ESF) and
Eurotech Device Cloud (EDC) are coming soon. Contact us for availability.
High Performance Module Based
on Dual Core Intel Atom
• Dual core for high-speed applications
• 400MHz graphics engine
• High bandwidth I/O
• Eurotech’s Everyware Software Framework
helps speed up development time while
making application development portable
and robust
• Full-featured, application-ready
development kits
Catalyst LP
FEATURES


Similar Part No. - CATALYSTLP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CATALYSTTC ETC2-CATALYSTTC Datasheet
668Kb / 2P
Intel Atom E6XX processor Small, fanless 67 x 100mm form factor
More results

Similar Description - CATALYSTLP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB39S16160CT-6 SIEMENS-HYB39S16160CT-6 Datasheet
138Kb / 15P
1M x 16 MBit Synchronous DRAM for High Speed Graphics Applications
logo
Texas Instruments
THS4150 TI-THS4150 Datasheet
563Kb / 27P
HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
logo
MolexKits
76650-0006 MOLEXKITS-76650-0006 Datasheet
38Kb / 2P
SMT High Speed I/O
logo
Texas Instruments
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4151 NSC-THS4151 Datasheet
1Mb / 35P
HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
logo
List of Unclassifed Man...
UVGA-II(GFX) ETC2-UVGA-II(GFX) Datasheet
1Mb / 21P
VGA Graphics Engine
logo
Samtec, Inc
HDMR1902SSM SAMTEC-HDMR1902SSM Datasheet
334Kb / 1P
HIGH SPEED I/O RECEPTACLES
ERC-019-01-02 SAMTEC-ERC-019-01-02 Datasheet
639Kb / 1P
HIGH SPEED I/O SYSTEM
HDMR-29-01-S-SM-TR SAMTEC-HDMR-29-01-S-SM-TR Datasheet
334Kb / 1P
HIGH SPEED I/O RECEPTACLES
logo
List of Unclassifed Man...
USB-DIO32HS ETC-USB-DIO32HS Datasheet
847Kb / 4P
High-Speed Digital I/O
April 2018. Rev 5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com