Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2431L-R Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SE2431L-R
Description  The Right Products for Your System Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2431L-R Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SE2431L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
WWW.SKYWORKSINC.COM
Smart Energy Product Overview
Figure 2. Smart Meter Communication Module (Simplified) Block Diagram
Figure 3. Thermostat Block Diagram
RFIC
Enable
Processor
Super Cap
Charger
Power Supply
Supply
Low ICQ
Buck Regulator
Regulator
RF FEM
A
AAT4712
Current Limited Load Switches
AAT4621
A
Supercap Chargers
B
AAT1232
AAT2138
SKY87201
B
DC/DC Converters (Switching Regulators)
Step Down Converters
C
SE2435L-R
SE2438T
SE2442L-R
SKY65313-21
SKY65364-11
SKY65367
SKY65378
SKY66100
SKY66101
SKY66108
SKY66109-11
D
Front-end Modules
SKY87201
C
Step-Down Converter
D
Temperature
Sensor
Humidity
Sensor
Proximity
Sensors
Backhaul Network
Interface (WiFi)
LED
Controller
Graphical LED
Display
8-bit
Microcontroller
Real Time
Clock
I/O Port
Expander
LED Indicator
Lamps
Low Voltage
Supply
HVAC
High Voltage
Supply (28 V)
Over Voltage
Protection (OVP)
Load Charger
Switch
LED/LCD
Supply
Endpoint Network
Interface (ISM)
Charger
Battery
Battery Backup
A
SKY85302-11
SKY85303-11
A
2.5 GHz Front-End Modules
for WiFi Connectivity
B
SE2431L
SE2432L
SE2436L
SE2438T
SKY65378-11
B
Front-End Modules
for ISM / Smart Energy
C
AAT1401
C
LED Controller
AAT3620
D
Switching Charger
D
E
F
G
H
I
AAT4684
AAT4686
AAT4687
E
Over Voltage Protection
AAT2114
AAT3221
SKY87201
G
Low Voltage Supply
AAT1403
SKY87201
I
LED/LCD Supply
SKY87608
H
High Voltage Supply
AAT4250
AAT4280
AAT4282A
F
Load Charger Switch
Slew-Rate Controlled
Load Switches
The Right Products for Your System Applications (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com