Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2431L-R Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # SE2431L-R
Description  The Right Products for Your System Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2431L-R Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button SE2431L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 14Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 15Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
WWW.SKYWORKSINC.COM
11
dIOdES
Table 16. Varactor diodes for Tuning Applications
Part
Capacitance
Capacitance
Series Resistance (R
S)/
Package
Frequency Band (MHz)
Number
Function
(C
t)
Ratio (C
R)
Quality Factor
(mm)
450
915
2400
SMV1405-079LF
VCO Tuning
1.8 pF @ 1 V
C
T0/CT30 = 4.1
Q @ 4 V 50 MHz = 3200
SC-79 1.6 x 0.8
•
•
•
SMV1405-040LF
VCO Tuning
1.8 pF @ 1 V
C
T0/CT30 = 4.1
Q @ 4 V 50 MHz = 3200
0402 1.0 x 0.6
•
•
•
SMV1413-079LF
VCO Tuning
6.4 pF @ 1 V
C
T0/CT30 = 4.2
Q @ 4 V 50 MHz = 2400
SC-79 1.6 x 0.8
•
•
•
SMV1408-001LF
VCO Tuning
2.9 pF @ 1 V
C
T0/CT30 = 4.1
Q @ 4 V 50 MHz = 2900
SOT-23 2.9 x 2.35
•
•
•
SMV1247-011LF
VCO Tuning
7 pF @ 0.3 V
C
T0.3/CT4.7 = 10
Q @ 3 V 50 MHz = 1500
SOD-323 2.5 x 1.25
•
•
•
SMV1247-040LF
VCO Tuning
7 pF @ 0.3 V
C
T0.3/CT4.7 = 10
Q @ 3 V 50 MHz = 1500
0402 1.0 x 0.6
•
•
•
SMV1249-040LF
VCO Tuning
31 pF @ 0.3 V
C
T0.3/CT4.7 = 12.1
R
S @ 3 V 500 MHz = 1.2 Ω
0402 1.0 x 0.6
•
•
•
SMV1249-079LF
VCO Tuning
31 pF @ 0.3 V
C
T0.3/CT4.7 = 12.1
R
S @ 3 V 500 MHz = 2.2 Ω
SC-79 1.6 x 0.8
•
•
•
SMV1251-001LF
VCO Tuning
42 pF @ 0.3 V
C
T0.3/CT4.7 = 12.2
R
S @ 3 V 500 MHz = 1.6 Ω
SOT-23 2.9 x 2.35
•
•
•
SMV1253-079LF
VCO Tuning
53 pF @ 0.3 V
C
T0.3/CT4.7 = 12.3
R
S @ 3 V 500 MHz = 1.4 Ω
SC-79 1.6 x 0.8
•
•
•
SMV1255-011LF
VCO Tuning
64 pF @ 0.3 V
C
T0.3/CT4.7 = 12.3
R
S @ 3 V 500 MHz = 1.3 Ω
SOD-323 2.5 x 1.25
•
•
•
SMV1233-011LF
VCO Tuning
3.3 pF @ 1 V
C
T1/CT3 = 1.5
R
S @ 3 V 500 MHz = 1.2 Ω
SOD-323 2.5 x 1.25
•
•
•
SMV1236-004LF
VCO Tuning
17 pF @ 1 V
C
T1/CT3 = 1.6
R
S @ 3 V 500 MHz = 0.5 Ω
SOT-23 2.9 x 2.35
•
•
•
SMV1763-040LF
VCO Tuning
5.2 pF @ 1 V
C
T0.5/CT2.5 = 2.3
R
S @ 1 V 900 MHz = 0.7 Ω
0402 1.0 x 0.6
•
•
•
SMV1763-079LF
VCO Tuning
5.2 pF @ 1 V
C
T0.5/CT2.5 = 2.5
R
S @ 1 V 500 MHz = 0.7 Ω
SC-79 1.6 x 0.8
•
•
•
SMV1142-011LF
VCO Tuning
8.2 pF @ 1 V
C
T1/CT3 = 1.5
R
S @ 3 V 500 MHz = 0.7 Ω
SOD-323 2.5 x 1.25
•
•
•
SMV1235-079LF
VCO Tuning
11.5 pF @ 1 V
C
T1/CT3 = 1.8
R
S @ 3 V 500 MHz = 0.6 Ω
SC-79 1.6 x 0.8
•
•
•
SMV1235-040LF
VCO Tuning
11.5 pF @ 1 V
C
T1/CT3 = 1.8
R
S @ 3 V 500 MHz = 0.6 Ω
0402 1.0 x 0.6
•
•
•
Diodes • Varactor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com