Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISIS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ISIS
Description  x86 compatible, fanless design High performance and efficiency Comprehensive expansion capabilities
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISIS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ISIS Datasheet HTML 1Page - List of Unclassifed Manufacturers ISIS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
System Architecture
North America
sales.na@eurotech.com
Europe, Middle East and Africa
sales.emea@eurotech.com
Latin America
sales.la@eurotech.com
Asia Pacific
sales.ap@eurotech.com
For your local contact please refer to:
www.eurotech.com/contacts
PROCESSOR
Intel® Atom™ processor options (13mm x 14mm BGA)
1.6GHz (2.3W)
1.1GHz (2W)
GRAPHICS/VIDEO
VGA interface
Single channel LVDS 24-bit interface
AUDIO
Intel® High Definition Audio (Intel® HD Audio)
MEMORY
System memory: DDR2 SDRAM
Up to 1GB (400/533MHz)
Flash: 2GB or 4GB solid-state drive (NAND Flash on board)
OPERATING ENVIRONMENTS
Microsoft® Windows® XP, XP Embedded
Wind River Linux 3.0
Specific RTOS support (call for details)
PHYSICAL/OTHER
ISIS carrier board PC/104+ form factor, 96mm x 90mm
ISIS processor module 100mm x 67mm
Extended temperature -40°C to +85°C (ISIS XL)
Commercial temperature 0°C to +70°C
Power consumption 7W – 8W (average per typical application)
Supercap or external battery for RTC backup
Trusted Platform Management (Option)
PERIPHERALS
USB 2.0 supporting low/full/high speed modes
8 x user accessible ports (on pin headers)
1 x fast Ethernet port supporting 10/100 BaseT
PC/104+ (PCI 32-bit)
PC/104 (ISA 16-bit)
PCI Express MiniCard socket
SDIO socket (4-bit)
I2C interface
SUPER-IO
SMSC SCH3114 SuperIO device
GPIO
4 High speed serial ports 16C550 compatible
- 2 x user accessible ports (RS232/RS485/RS422 & RS232)
- 2 x port used to connect to onboard GPS receiver
PS/2 keyboard and mouse support
BIOS
InsydeH20
SPI Flash (proprietary)
TEST SUPPORT
JTAG interface (Intel XDP)
GPS RECEIVER
iTrax300 20-ch GPS receiver with full position/velocity/time functionality
ISIS
Note: The information in this document is subject to change without notice and should not be construed as a commitment by EUROTECH.
While reasonable precautions have been taken, EUROTECH assumes no responsibility for any error that may appear in this document.
All trademarks or registered trademarks are the properties of their respective companies.
ETH_ISIS_DS_02/2011
Intel® Atom™ PC/104+
Form Factor



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com