Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISIS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ISIS
Description  x86 compatible, fanless design High performance and efficiency Comprehensive expansion capabilities
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISIS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ISIS Datasheet HTML 1Page - List of Unclassifed Manufacturers ISIS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Feature rich, Intel Architecture – The ISIS is based on the
powerful Intel Atom Z5xx series processor with CPU speeds
from 1.1GHz up to 1.6GHz and packs a large number of
peripherals in the compact and efficient PC/104+ form factor.
Low Power Design – Eurotech’s low power, fanless design
allows the ISIS to deliver extensive capabilities while using only
7 - 8W power.
Expandability – A combination of PC/104 (ISA), PC/104+
(PCI) and PCI Express MiniCard makes interfacing to real-world
I/O and to the latest wireless technologies straight forward.
Upgrade for existing applications – Legacy applications
based on the ISA bus can be injected with the capability and
performance of a cutting-edge platform.
ESF support – The ISIS supports Everyware Software
Framework (ESF): simple software development and portability
to new hardware platforms.
EDC ready – Enjoy the benefit of the Everyware Device Cloud
(EDC): dramatically cut Time-to-Market when building highly
scalable, robust applications that connect devices to business
applications.
Application-ready Development Kits – Eurotech’s full-
featured application-ready Development Kits help customers
begin application development quickly.
• Infotainment
• Interactive Kiosks
• In-vehicle Systems
The ISIS processor board provides all the benefits of the Intel Atom Z5xx series
processor, while bundling a rich set of functions and options in a PC/104+
form factor.
The ISIS offers high-performance x86 compatibility in a fanless design that
requires only a fraction of the power previously needed for comparable
systems: with a requirement of only 7-8W (typical), a full range of on board
peripherals are provided, including 8 x USB 2.0 ports, VGA, LVDS, HD-Audio,
RS232/422/485, Ethernet, GPIO and IDE.
Expansion buses include a combination of PC/104 (ISA), PC/104+ (PCI) and
PCI Express MiniCard, so interfacing to real-world I/O or the latest wireless
technology is easy. Running at 1.1GHz or 1.6GHz, the ISIS has all the
functionality and connectivity previously associated with much larger and more
power-hungry systems.
The ISIS comes with up to 1GB of DDR2 RAM and 4GB of soldered-down Flash
for security and durability. Further solid-state Flash expansion is possible via an
SDIO socket; on-board GPS is available as an option.
ISIS is compatible with all major desktop operating systems, and is also
available with pre-installed, ready to run, embedded operating systems
including Windows® XP, XP Embedded and Wind River Linux 3.0.
Intel® Atom™ PC/104+
Form Factor
• x86 compatible, fanless design
• High performance and efficiency
• Comprehensive expansion capabilities
• Industrial and commercial temperature
ISIS
FEATURES


Similar Part No. - ISIS

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
ISIS31AP4991 ISSI-ISIS31AP4991 Datasheet
256Kb / 5P
Near-zero click-and-pop
logo
List of Unclassifed Man...
ISISXL ETC2-ISISXL Datasheet
71Kb / 3P
Intel Atom Processor up to 1.33GHz High performance x86 compatibility in a fanless design
More results

Similar Description - ISIS

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
RBOX101-4COM AXIOMTEK-RBOX101-4COM Datasheet
376Kb / 2P
Fanless and cableless design
RBOX200 AXIOMTEK-RBOX200 Datasheet
392Kb / 2P
Fanless and cableless design
RBOX201-4COM AXIOMTEK-RBOX201-4COM Datasheet
324Kb / 2P
Fanless and cableless design
RBOX201-6COM AXIOMTEK-RBOX201-6COM Datasheet
339Kb / 2P
Fanless and cableless design
logo
List of Unclassifed Man...
ISISXL ETC2-ISISXL Datasheet
71Kb / 3P
Intel Atom Processor up to 1.33GHz High performance x86 compatibility in a fanless design
logo
Axiomtek Co., Ltd.
RBOX101-6COM AXIOMTEK-RBOX101-6COM_16 Datasheet
400Kb / 2P
Fanless and cableless design
RBOX201-4COM AXIOMTEK-RBOX201-4COM_16 Datasheet
330Kb / 2P
Fanless and cableless design
RBOX201-6COM AXIOMTEK-RBOX201-6COM_16 Datasheet
341Kb / 2P
Fanless and cableless design
RBOX204 AXIOMTEK-RBOX204_16 Datasheet
383Kb / 2P
Fanless and cableless design
RBOX310-4COM AXIOMTEK-RBOX310-4COM_16 Datasheet
427Kb / 2P
Fanless and cableless design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com