Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS501X Datasheet(PDF) 1 Page - ams AG

Part # AS501X
Description  Axial Magnet MA2H-1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS501X Datasheet(HTML) 1 Page - ams AG

  AS501X Datasheet HTML 1Page - ams AG AS501X Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
page 1/2
Magnet Specification
AS501x
Axial Magnet MA2H-1
1
General
This specification defines the dimensional and magnetic properties of an axial magnet for use with
the AS5013 two-dimensional magnetic position sensor.
Material: NdFeB sintered magnet, Ni-coated
2
Dimensional Specification (mm)
3
Magnet Specification
Parameter
Note
Article Nr
603221
Br (T)
1.17 / 1.21
Rev. Temp (ca. %K)
-0.11
HcB (kA/m)
836 / 891
HcJ (kA/m)
> 1353
BH max (kJ/m³)
263 / 279
Max temperature (°C)
120
Density (g/cm³)
7.5


Similar Part No. - AS501X

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5011 AMSCO-AS5011 Datasheet
540Kb / 16P
Low Power Integrated Hall IC for Human Interface Applications
AS5013 AMSCO-AS5013 Datasheet
1,019Kb / 32P
Low Power Integrated Hall IC for Human Interface Applications
AS5013 AMSCO-AS5013 Datasheet
1Mb / 50P
Low Power Integrated Hall IC for Human Interface Applications
2021-Apr-19
AS5013-IQFT AMSCO-AS5013-IQFT Datasheet
1,019Kb / 32P
Low Power Integrated Hall IC for Human Interface Applications
AS5013 AMSCO-AS5013_V01 Datasheet
1Mb / 50P
Low Power Integrated Hall IC for Human Interface Applications
2021-Apr-19
More results

Similar Description - AS501X

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
M02 MEDER-M02 Datasheet
75Kb / 1P
Magnet
M05 MEDER-M05 Datasheet
121Kb / 1P
Magnet
M12 MEDER-M12 Datasheet
104Kb / 1P
Magnet
M13 MEDER-M13 Datasheet
109Kb / 1P
Magnet
M21P-1 MEDER-M21P-1 Datasheet
118Kb / 1P
Magnet
M21P-2 MEDER-M21P-2 Datasheet
103Kb / 1P
Magnet
logo
ams AG
AS5000 AMSCO-AS5000 Datasheet
130Kb / 4P
Axial Magnet 4x2x1mm
AS5000-MD6H-1 AMSCO-AS5000-MD6H-1 Datasheet
152Kb / 1P
magnet
logo
Pepperl+Fuchs Inc.
DM06-05NDFEB PF-DM06-05NDFEB Datasheet
293Kb / 2P
Magnet
DM60-31-15 PF-DM60-31-15 Datasheet
660Kb / 2P
Magnet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com