Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5011 Datasheet (PDF) - ams AG

AS5011 Datasheet PDF - ams AG
Part # AS5011
Download  AS5011 Download
File Size   540.58 Kbytes
Page   16 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Low Power Integrated Hall IC for Human Interface Applications

AS5011 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS5011 Datasheet PDF - ams AG

Part # AS5011
Download  AS5011 Click to download

File Size   540.58 Kbytes
Page   16 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Low Power Integrated Hall IC for Human Interface Applications

AS5011 Datasheet (HTML) - ams AG


AS5011 Product details

General Description
The AS5011 is a complete Hall Sensor IC for smart navigation key applications to meet the low power requirements and host SW integration challenges for products such as cell phones and smart handheld devices


Key Features
● 2.7 to 3.6V operating voltage
● Down to 1.8V peripheral supply voltage
● Less than 200µA current consumption in Low Power mode
● Less than 50µA current consumption in Shutdown mode
● Lateral magnet movement radius up to 2mm
● I²C interface up to 4MHz
● Configurable interrupt output for motion detection
● Three operating modes:
    Shutdown mode
    Low Power mode
    Full Power mode




Similar Part No. - AS5011

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5013 AMSCO-AS5013 Datasheet
1,019Kb / 32P
Low Power Integrated Hall IC for Human Interface Applications
AS5013 AMSCO-AS5013 Datasheet
1Mb / 50P
Low Power Integrated Hall IC for Human Interface Applications
2021-Apr-19
AS5013-IQFT AMSCO-AS5013-IQFT Datasheet
1,019Kb / 32P
Low Power Integrated Hall IC for Human Interface Applications
AS5013 AMSCO-AS5013_V01 Datasheet
1Mb / 50P
Low Power Integrated Hall IC for Human Interface Applications
2021-Apr-19
logo
Conesys Inc
AS50151 CONESYS-AS50151 Datasheet
124Kb / 1P
MIL-DTL-5015 Series III / AS50151 Rear Release
More results


Similar Description - AS5011

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN249 SILABS-AN249 Datasheet
434Kb / 42P
HUMAN INTERFACE DEVICE TUTORIAL
logo
International Rectifier
IRAM136-3023B IRF-IRAM136-3023B Datasheet
218Kb / 16P
Integrated Power Hybrid IC for Low Voltage Motor Applications
IRAM136-3063B IRF-IRAM136-3063B Datasheet
222Kb / 16P
Integrated Power Hybrid IC for Low Voltage Motor Applications
IRAMX16UP60A IRF-IRAMX16UP60A_08 Datasheet
379Kb / 17P
Integrated Power Hybrid IC for Appliance Motor Drive Applications
logo
ams AG
AS5013 AMSCO-AS5013 Datasheet
1,019Kb / 32P
Low Power Integrated Hall IC for Human Interface Applications
logo
Grayhill, Inc
3D32XK-200 GRAYHILL-3D32XK-200 Datasheet
1Mb / 2P
INTUITIVE HUMAN INTERFACE SOLUTIONS
logo
Torex Semiconductor
XC3202B-12 TOREX-XC3202B-12 Datasheet
202Kb / 9P
Low Power Consumption Hall IC
XC3202B TOREX-XC3202B_15 Datasheet
202Kb / 9P
Low Power Consumption Hall IC
logo
ams AG
AS5013 AMSCO-AS5013_V01 Datasheet
1Mb / 50P
Low Power Integrated Hall IC for Human Interface Applications
2021-Apr-19
logo
Delta Electronics, Inc.
DOP-AE57CSTD DELTA-DOP-AE57CSTD Datasheet
5Mb / 12P
Human Machine Interface
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com