Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5011 Datasheet(PDF) 2 Page - ams AG

Part # AS5011
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5011 Datasheet(HTML) 2 Page - ams AG

  AS5011 Datasheet HTML 1Page - ams AG AS5011 Datasheet HTML 2Page - ams AG AS5011 Datasheet HTML 3Page - ams AG AS5011 Datasheet HTML 4Page - ams AG AS5011 Datasheet HTML 5Page - ams AG AS5011 Datasheet HTML 6Page - ams AG AS5011 Datasheet HTML 7Page - ams AG AS5011 Datasheet HTML 8Page - ams AG AS5011 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AS5011
Data Sheet
5
Package and pinout
Figure 3: QFN-16 package and pinout (TOP view)
Pin#
QFN16
Symbol
Type
Description
1
SDA
DIO_OD
I²C bus data
2
SCL
DI
I²C bus clock
3
Sample
DI
Test pin. Connect to VSS
4
INTn
DO_OD
Interrupt output. Active LOW
5
tb0
AIO
Test pin. Leave unconnected
6
tb1
AIO
Test pin. Leave unconnected
7
tb2
AIO
Test pin. Leave unconnected
8
tb3
AIO
Test pin. Leave unconnected
9
Test coil
-
Test pin. Connect to VSS
10
VDDp
S
Peripheral power supply, 1.8 ~ 3.6V
11
ScanTest
DI
Test pin. Connect to VSS
12
VDD
S
Core power supply, 2.7 ~ 3.6V
13
VSS
S
Supply ground
14
Wakeup
DIO
Test pin. Leave unconnected
15
Extclk
DIO
Test pin. Leave unconnected
16
Kill
DIO
Test pin. Leave unconnected
Epad
-
-
Center pad not connected
Table 1: AS5011 pinout in QFN-16 package
PIN Types:
S
...
supply pad
AIO
...
analog I/O
DI
…
digital input
DIO_OD...
digital input / output open drain
DO_OD ...
digital output open drain DIO
...
digital input / output
www.austriamicrosystems.com
Revision 3.10
2 – 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com