Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5011 Datasheet(PDF) 3 Page - ams AG

Part # AS5011
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5011 Datasheet(HTML) 3 Page - ams AG

  AS5011 Datasheet HTML 1Page - ams AG AS5011 Datasheet HTML 2Page - ams AG AS5011 Datasheet HTML 3Page - ams AG AS5011 Datasheet HTML 4Page - ams AG AS5011 Datasheet HTML 5Page - ams AG AS5011 Datasheet HTML 6Page - ams AG AS5011 Datasheet HTML 7Page - ams AG AS5011 Datasheet HTML 8Page - ams AG AS5011 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AS5011
Data Sheet
www.austriamicrosystems.com
6
Operating the AS5011
6.1
Typical application
The AS5011 requires only a few external components in order to operate immediately when connected to the
host microcontroller.
Only 4 wires are needed for a simple application using a single power supply: two wires for power and two wires
for the I²C communication. A fifth connection can be added in order to send an interrupt to the host CPU when
the magnet is moving away from the center and to inform that a new valid coordinate can be read.
Figure 4: Electrical connection of AS5011 with microcontroller
6.2
XY coordinates interpretation
On Figure 5 the top view of the AS5011 is represented, with a round magnet (scaled) gliding over its surface. The
magnet can be placed under the sensor too, with the PCB between them.
•
Magnet on position 1:
The magnet is in its initial position, centered on the
sensor. The AS5011 is in Shutdown mode. X and Y
register values are (0,0)
•
Magnet on position 2:
The center of the magnet has been moved upon the
horizontal wakeup threshold Xp. An interrupt is sent
to the host microcontroller which sets the AS5011 to
Low Power mode. Wakeup thresholds are
programmable independently for the four directions.
•
Magnet on position 3:
The magnet is at the X and Y limit over the sensor
surface (2mm, 2mm) but still in range.
Figure 5: Position range of the magnet
Revision 3.10
3 – 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com