Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APD360 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # APD360
Description  SCHOTTKY BARRIER RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APD360 Datasheet(HTML) 2 Page - Diodes Incorporated

  APD360 Datasheet HTML 1Page - Diodes Incorporated APD360 Datasheet HTML 2Page - Diodes Incorporated APD360 Datasheet HTML 3Page - Diodes Incorporated APD360 Datasheet HTML 4Page - Diodes Incorporated APD360 Datasheet HTML 5Page - Diodes Incorporated APD360 Datasheet HTML 6Page - Diodes Incorporated APD360 Datasheet HTML 7Page - Diodes Incorporated APD360 Datasheet HTML 8Page - Diodes Incorporated APD360 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
APD360
Document number: DS36968 Rev. 2 - 2
2 of 9
www.diodes.com
July 2014
© Diodes Incorporated
APD360
Cathode line by
marking
Green
Green
Green
Green
Pin Assignments (Cont.)
(Top View)
DO-214AC
Ordering Information (Note 4)
Packing
Package
Product Name
E1/G1
Blank: Bulk
G1: Green
TR: Tape & Reel
E1 : RoHS Compliant
or Ammo
VP: DO-27
VPL: DO-27 (L)
VR: DO-214AC
APD360 XXX XX - XX
Note 4:
Diodes IC's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with "G1" suffix are available in green
packages.
Package
Temperature
Range
Part Number
Marking ID
Packing
DO-27
-65 to +125
C
APD360VP-E1
D360VP
500/Bulk
DO-27
-65 to +125
C
APD360VP-G1
360VPG
500/Bulk
DO-27
-65 to +125
C
APD360VPTR-E1
D360VP
500/Ammo
DO-27
-65 to +125
C
APD360VPTR-G1
360VPG
500/Ammo
DO-27 (L)
-65 to +125
C
APD360VPL-E1
D360VP
500/Bulk
DO-27 (L)
-65 to +125
C
APD360VPL-G1
360VPG
500/Bulk
DO-214AC
-65 to +125
C
APD360VRTR-G1
360VRG
7500/Tape & Reel
Cathode
Anode
Pb
Pb
Pb



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com