Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APD360 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APD360
Description  SCHOTTKY BARRIER RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APD360 Datasheet(HTML) 1 Page - Diodes Incorporated

  APD360 Datasheet HTML 1Page - Diodes Incorporated APD360 Datasheet HTML 2Page - Diodes Incorporated APD360 Datasheet HTML 3Page - Diodes Incorporated APD360 Datasheet HTML 4Page - Diodes Incorporated APD360 Datasheet HTML 5Page - Diodes Incorporated APD360 Datasheet HTML 6Page - Diodes Incorporated APD360 Datasheet HTML 7Page - Diodes Incorporated APD360 Datasheet HTML 8Page - Diodes Incorporated APD360 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
APD360
Document number: DS36968 Rev. 2 - 2
1 of 9
www.diodes.com
July 2014
© Diodes Incorporated
APD360
Cathode line
by marking
Cathode
Anode
SCHOTTKY BARRIER RECTIFIER
Product Summary
VRRM (V)
IO (A)
VF (MAX) (V)
@ +25°C
IR (MAX) (mA)
@ +25°C
60
3
0.68
0.5
Description
The APD360 is a low voltage dual Schottky rectifier suited for switch
mode power supplies and other power converters. This device is
intended for use in medium voltage operation, and particularly, in high
frequency circuits where low switching losses and low noise are
required.
The APD360 is available in standard DO-27, DO-27(L), DO-214AC
packages.
Applications
Low Voltage High Frequency Inverters
DC-DC Converters
Free Wheeling
Polarity Protection
Features
Low Forward Voltage: 0.68V @ +25
C
High Surge Current Capacity
+125
C Operating Junction Temperature
3A Total
Guard-Ring for Stress Protection
Pb-free Package is Available
DO-27, DO-27(L)
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Available in “Green” Packages: DO-27, DO-27(L), DO-214AC
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen
and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: DO-27, DO-27(L), DO-214AC
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight
DO-27, DO-27(L)
– 1.2Grams(Approximately)
DO-214AC
– 0.062Grams(Approximately)
DO-27
DO-27 (L)
DO-214AC
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Pin Assignments
(Top View)
(Top View)
DO-27
DO-27 (L)
Cathode line by
marking
Cathode
Anode


Similar Part No. - APD360

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
APD360 BCDSEMI-APD360 Datasheet
282Kb / 7P
SCHOTTKY BARRIER RECTIFIER
APD360 BCDSEMI-APD360 Datasheet
297Kb / 10P
SCHOTTKY BARRIER RECTIFIER
APD360 BCDSEMI-APD360 Datasheet
295Kb / 10P
SCHOTTKY BARRIER RECTIFIER Polarity Protection
APD360VP-E1 BCDSEMI-APD360VP-E1 Datasheet
297Kb / 10P
SCHOTTKY BARRIER RECTIFIER
APD360VP-E1 BCDSEMI-APD360VP-E1 Datasheet
295Kb / 10P
SCHOTTKY BARRIER RECTIFIER Polarity Protection
More results

Similar Description - APD360

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com