Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L45RN-R24-2111 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L45RN-R24-2111
Description  PRESSFIT NEON, LED INCANDESCENT INDICATOR LIGHTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L45RN-R24-2111 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L45RN-R24-2111 Datasheet HTML 1Page - List of Unclassifed Manufacturers L45RN-R24-2111 Datasheet HTML 2Page - List of Unclassifed Manufacturers L45RN-R24-2111 Datasheet HTML 3Page - List of Unclassifed Manufacturers L45RN-R24-2111 Datasheet HTML 4Page - List of Unclassifed Manufacturers L45RN-R24-2111 Datasheet HTML 5Page - List of Unclassifed Manufacturers L45RN-R24-2111 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRESSFIT INDICATOR LIGHTS
FOR 5/16" DIA. MOUNTING HOLE
Indicator Lights
I-25
Lighting Components & Design, Inc.®
· 692 S. Military Trail, Deerfield Bch., FL33442 · TEL: (954)-425-0123 FAX: (954)-425-0110
Revised July, 1997
Overview
The 45 Series Indicators feature a wide variety of
lens colors and bezel variations. 45 Series Indicators
are designed with 1/8" tab terminals or 3/16" tab
terminals. Indicators mount into a 5/16", (7.93mm)
mounting hole with a recommended panel thickness
of 0.020" minimum. A speed nut, part number
8700071688, is supplied.
Specifications
Housing: white nylon. A black housing is available.
Lens: polycarbonate.
Bezel: zinc plated brass. A black anodized bezel is
available.
Incandescent AC or DC voltage options: 6, 14 and
28 volts.
Neon AC or DC voltage options: 125 and 250 volts.
Note: high brightness green and blue neon lamps
supplied in green and blue neon applications.
LED DC voltage options: 2, 6, 12, 24.
Terminals:
1/8" Tabs: brass, (0.125" width x 0.020" thick).
3/16" Tabs: brass, (0.187" width x 0.020" thick). For
LED units, a tin plated terminal denotes the anode
(+).
45 SERIES
· PRESSFIT NEON, LED & INCANDESCENT INDICATOR LIGHTS
· 5/16" DIA. MOUNTING HOLE
· WHITE NYLON HOUSING · 1/8" OR 3/16" TAB TERMINALS
· 2 TO 250 DESIGN VOLTS · FLUSH OR HI-HAT LENSES · VARIETY OF COLORS
· UL AND CSA RECOGNIZED · UL FILE E20356 · CSA FILE LR15284-17
Can't find it here? We have many more standard and
custom solutions.
For information phone Customer Service at 954-425-0123
or complete the "Fast FAX" form on Appendix, page A-1.
1/32"
19/64"
1/64"
19/64"
Flush Lens Style
Without bezel.
With bezel.
Hi-Hat Lens Style
Without bezel.
With bezel.
7/32"
19/64"
19/64"
13/64"
1-31/32"
1-11/64"
13/32" DIA.
3/16"


Similar Part No. - L45RN-R24-2111

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
L45 COHERENT-L45 Datasheet
307Kb / 3P
L45 PCD DIAMOND LASER LAPPING MACHINE
logo
Leshan Radio Company
L4501DW1T1 LRC-L4501DW1T1 Datasheet
165Kb / 3P
Silicon NPN Epitaxial Planer Transistor
L4501DW1T1G LRC-L4501DW1T1G Datasheet
165Kb / 3P
Silicon NPN Epitaxial Planer Transistor
logo
Keysight Technologies
L4532A KEYSIGHT-L4532A Datasheet
1Mb / 9P
High-Resolution LXI Digitizers
logo
Kingbright Corporation
L453GD KINGBRIGHT-L453GD Datasheet
123Kb / 4P
T-1 3/4 SOLID STATE LAMPS
More results

Similar Description - L45RN-R24-2111

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1030D CML-1030D Datasheet
220Kb / 1P
Neon-Incandescent Indicator Lights
1050A CML-1050A Datasheet
221Kb / 1P
Neon-Incandescent Indicator Lights
1050C CML-1050C Datasheet
220Kb / 1P
Neon-Incandescent Indicator Lights
1050N CML-1050N Datasheet
220Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
1050QC CML-1050QC Datasheet
220Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
2110A CML-2110A Datasheet
228Kb / 1P
Neon-Incandescent Indicator Lights
2150A CML-2150A Datasheet
221Kb / 1P
Neon-Incandescent Indicator Lights
2330QD CML-2330QD Datasheet
219Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
logo
Visual Communications C...
2150A VCC-2150A Datasheet
65Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
2110A VCC-2110A Datasheet
65Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com