Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM75571 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # SM75571
Description  TELECOM MAGNETICS SM75571
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

SM75571 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  SM75571 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
March 28, 2006
DATATRONICS: 28151 Highway 74, Romoland, CA 92585 Tel 951-928-7700, Toll free 888-889-5391, FAX 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
TELECOM MAGNETICS SM75571
Features
Designed for use Conexant SMART HCF FFI Chipset
UL1950 / EN60950 and BABT approved
SMT package
ELECTRICAL SPECIFICATIONS AT 25
°C
TURNS RATIO (1-4) : (5-8)
1 : 2
±2%
OCL @100kHz, 1V (1-4)
40
µH MIN
LEAKAGE INDUCTANCE @4MHz, 1V
7
µH MAX
INTERWINDING CAPACITANCE @1MHz
10pF MAX
DCR (1-4)
0.2
Ω MAX
DCR (5-8)
0.4
Ω MAX
HIPOT PRIMARY & SECONDARY 1 MINUTE
1500VRMS
OUTLINE DIMENSIONS
Notes:
SCHEMATIC
1.
All dimensions are in mm [inches] and typical unless otherwise specified.
2.
For non-RoHS parts consult factory for special part numbers.
0.64 [0.03] Typ.
14.7 [0.58] Max
10.2 [0.40]
11.9 [0.47] Max
0.46 [0.02] Typ.
1.30 [0.05]
2.54 [0.10]
2.54 [0.10]
12.46 [0.49]


Similar Part No. - SM75571

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
SM75570 DATATRONICS-SM75570 Datasheet
99Kb / 1P
TELECOM MAGNETICS SM75570
More results

Similar Description - SM75571

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C21A PHILIPS-PCF84C21A Datasheet
161Kb / 20P
Telecom microcontrollers
1996 Nov 20
PCF84C81A PHILIPS-PCF84C81A Datasheet
111Kb / 20P
Telecom microcontroller
1998 Apr 20
logo
Bel Fuse Inc.
S555-2999-00 BEL-S555-2999-00 Datasheet
46Kb / 2P
TELECOM MAGNETICS POTS Inductor
logo
AIT Components Ltd.
EFD12 AITCOMPONENTS-EFD12 Datasheet
607Kb / 1P
TELECOM TRANSFORMERS
logo
Datatronic Distribution...
SM75570 DATATRONICS-SM75570 Datasheet
99Kb / 1P
TELECOM MAGNETICS SM75570
SM76000 DATATRONICS-SM76000 Datasheet
67Kb / 1P
TELECOM MAGNETICS SM76000
logo
Power System Technology
FAB0501013 PST-FAB0501013 Datasheet
209Kb / 3P
Telecom
logo
Micross Components
HMC344 MICROSS-HMC344 Datasheet
798Kb / 9P
Telecom Infrastructure
HMC559 MICROSS-HMC559 Datasheet
951Kb / 11P
Telecom Infrastructure
logo
Analog Devices
HMC459 AD-HMC459 Datasheet
397Kb / 8P
Telecom Infrastructure
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com