Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP8N50PM Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP8N50PM
Description  PolarHV Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP8N50PM Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP8N50PM Datasheet HTML 1Page - IXYS Corporation IXTP8N50PM Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTP 8N50PM
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 10 V; ID = 4 A
5
8
S
C
iss
1050
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
120
pF
C
rss
12
pF
t
d(on)
22
ns
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = 8 A
28
ns
t
d(off)
R
G = 18 Ω (External)
65
ns
t
f
23
ns
Q
g(on)
20
nC
Q
gs
V
GS= 10 V, VDS = 0.5 VDSS, ID = 4 A
7
nC
Q
gd
7nC
R
thJS
3.0
° C/W
Source-Drain Diode
Characteristic Values
(T
J = 25° C, unless otherwise specified)
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS = 0 V
8
A
I
SM
Repetitive
14
A
V
SD
I
F = IS, VGS = 0 V,
1.5
V
Pulse test, t
≤300 µs, duty cycle d≤ 2 %
t
rr
I
F = 3 A, VGS = 0 V, VR = 100 V
400
ns
-di/dt = 100 A/
µs
Terminals: 1 - Gate
2 - Drain (Collector)
3 - Source (Emitter)
12 3
ISOLATED TO-220 (IXTP...M)
IXYS MOSFETs and IGBTs are covered by 4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405B2
6,759,692
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered
are derived from data gathered during objective characterizations of preliminary engineer-
ing lots; but also may yet contain some information supplied during a pre-production
design evaluation. IXYS reserves the right to change limits, test conditions, and dimen-
sions without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com