Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP8N50PM Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP8N50PM
Description  PolarHV Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP8N50PM Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP8N50PM Datasheet HTML 1Page - IXYS Corporation IXTP8N50PM Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 IXYS All rights reserved
DS99582E(04/06)
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 250 µA
500
V
V
GS(th)
V
DS = VGS, ID = 250µA
3.0
5.5
V
I
GSS
V
GS = ±30 VDC, VDS = 0
±100
nA
I
DSS
V
DS = VDSS
5
µA
V
GS = 0 V
T
J = 125° C50
µA
R
DS(on)
V
GS = 10 V, ID = 4 A
0.8
Ω
Pulse test, t
≤300 µs, duty cycle d ≤ 2 %
PolarHVTM
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
IXTP 8N50PM
V
DSS
= 500
V
I
D25
=
4
A
R
DS(on)
≤≤≤≤≤
0.8
Ω
Ω
Ω
Ω
Ω
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
° C to 150° C
500
V
V
DGR
T
J
= 25
° C to 150° C; R
GS = 1 MΩ
500
V
V
GS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25° C4
A
I
DM
T
C = 25° C, pulse width limited by TJM
14
A
I
AR
T
C = 25° C8
A
E
AR
T
C = 25° C20
mJ
E
AS
T
C = 25° C
400
mJ
dv/dt
I
S
≤I
DM, di/dt ≤100 A/µs, VDD ≤VDSS,
10
V/ns
T
J
≤150° C, R
G = 18 Ω
P
D
T
C = 25° C41
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
T
SOLD
Plastic body for 10 s
260
°C
M
d
Mounting torque
1.13/10 Nm/lb.in.
Weight
4g
(Electrically Isolated Tab)
G = Gate
D = Drain
S = Source
Features
l Plastic overmolded tab for electrical
isolation
l International standard package
l Unclamped Inductive Switching (UIS)
rated
l Low package inductance
- easy to drive and to protect
Advantages
l
Easy to mount
l
Space savings
l
High power density
OVERMOLDED TO-220
(IXTP...M) OUTLINE
G
D S
Isolated Tab
Preliminary Technical Information


Similar Part No. - IXTP8N50PM

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP8N50P IXYS-IXTP8N50P Datasheet
228Kb / 5P
PolarHV Power MOSFET N-Channel Enhancement Mode Avalanche Rated
logo
Inchange Semiconductor ...
IXTP8N50P ISC-IXTP8N50P Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP8N50PM

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
99227 IXYS-99227 Datasheet
571Kb / 5P
PolarHV Power MOSFET
ITXP1R6N50P IXYS-ITXP1R6N50P Datasheet
119Kb / 4P
PolarHV Power MOSFET
IXTA3N50P IXYS-IXTA3N50P Datasheet
236Kb / 5P
PolarHV Power MOSFET
IXTP10N60PM IXYS-IXTP10N60PM Datasheet
53Kb / 2P
PolarHV Power MOSFET
IXFH16N80P IXYS-IXFH16N80P Datasheet
207Kb / 5P
PolarHV Power MOSFET
IXTH36N50P IXYS-IXTH36N50P Datasheet
384Kb / 5P
PolarHV Power MOSFET
IXTQ44N50P IXYS-IXTQ44N50P Datasheet
154Kb / 5P
PolarHV Power MOSFET
IXTH26N60P IXYS-IXTH26N60P Datasheet
236Kb / 5P
PolarHV Power MOSFET
IXTI10N60P IXYS-IXTI10N60P Datasheet
246Kb / 4P
PolarHV Power MOSFET
IXTT26N50P IXYS-IXTT26N50P Datasheet
343Kb / 5P
PolarHV Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com