Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP18N60PM Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP18N60PM
Description  Polar Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP18N60PM Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP18N60PM Datasheet HTML 1Page - IXYS Corporation IXTP18N60PM Datasheet HTML 2Page - IXYS Corporation IXTP18N60PM Datasheet HTML 3Page - IXYS Corporation IXTP18N60PM Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXTP18N60PM
IXYS Reserves the Right to Change Limits,Test Conditions, and Dimensions.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Terminals: 1 - Gate
2 - Drain (Collector)
3 - Source (Emitter)
12
3
OVERMOLDED TO-220
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 20V, ID = 9A, Note 1
9
16
S
C
iss
2500
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
280
pF
C
rss
23
pF
t
d(on)
21
ns
t
r
22
ns
t
d(off)
62
ns
t
f
22
ns
Q
g(on)
50
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 9A
15
nC
Q
gd
18
nC
R
thJC
1.39
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
18
A
I
SM
Repetitive, Pulse Width Limited by T
JM
54
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
500
ns
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 9A
R
G = 5Ω (External)
I
F = IS, VGS = 0V, -di/dt = 100A/μs
V
R = 100V
Note:
1. Pulse test, t ≤ 300μs, duty cycle, d ≤ 2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com