Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP18N60PM Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTP18N60PM
Description  Polar Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP18N60PM Datasheet(HTML) 3 Page - IXYS Corporation

  IXTP18N60PM Datasheet HTML 1Page - IXYS Corporation IXTP18N60PM Datasheet HTML 2Page - IXYS Corporation IXTP18N60PM Datasheet HTML 3Page - IXYS Corporation IXTP18N60PM Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
IXTP18N60PM
Fig. 1. Output Characteristics @ TJ = 25ºC
0
2
4
6
8
10
12
14
16
18
01
234
5
678
VDS - Volts
VGS = 10V
8V
7V
6V
5V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
VDS - Volts
VGS = 10V
8V
5V
6V
7V
Fig. 3. Output Characteristics @ TJ =125ºC
0
2
4
6
8
10
12
14
16
18
02468
10
12
14
16
18
VDS - Volts
VGS = 10V
7V
5V
6V
Fig. 4. RDS(on) Normalized to ID = 9A Value vs.
Junction Temperature
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 10V
I D = 18A
I D = 9A
Fig. 5. RDS(on) Normalized to ID = 9A Value vs.
Drain Current
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
0
5
10
15
20
25
30
35
40
45
ID - Amperes
VGS = 10V
TJ = 125ºC
TJ = 25ºC
Fig. 6. Maximum Drain Current vs.
Case Temperature
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com