Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP18P10T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP18P10T
Description  TrenchP Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP18P10T Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP18P10T Datasheet HTML 1Page - IXYS Corporation IXTP18P10T Datasheet HTML 2Page - IXYS Corporation IXTP18P10T Datasheet HTML 3Page - IXYS Corporation IXTP18P10T Datasheet HTML 4Page - IXYS Corporation IXTP18P10T Datasheet HTML 5Page - IXYS Corporation IXTP18P10T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTY18P10T IXTA18P10T
IXTP18P10T
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note 1: Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = -10V, ID = 0.5 • ID25, Note 1
8
13
S
C
iss
2100
pF
C
oss
V
GS = 0V, VDS = - 25V, f = 1MHz
185
pF
C
rss
80
pF
t
d(on)
19
ns
t
r
26
ns
t
d(off)
44
ns
t
f
22
ns
Q
g(on)
39
nC
Q
gs
V
GS = -10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
17
nC
Q
gd
9
nC
R
thJC
1.5
°C/W
R
thCS
TO-220
0.50
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
-18
A
I
SM
Repetitive, Pulse Width Limited by T
JM
- 72
A
V
SD
I
F = -18A, VGS = 0V, Note 1
-1.5
V
t
rr
62
ns
Q
RM
164
nC
I
RM
- 5.3
A
Resistive Switching Times
V
GS = -10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 10Ω (External)
I
F = - 9A, -di/dt = -100A/μs
V
R = - 50V, VGS = 0V
Pins: 1 - Gate
2 - Drain
3 - Source
TO-220 Outline
TO-252 Outline
Pins: 1 - Gate
2,4 - Drain
3 - Source
Dim.
Millimeter
Inches
Min. Max.
Min.
Max.
A
2.19
2.38
0.086
0.094
A1
0.89
1.14
0.035
0.045
A2
0
0.13
0
0.005
b
0.64
0.89
0.025
0.035
b1
0.76
1.14
0.030
0.045
b2
5.21
5.46
0.205
0.215
c
0.46
0.58
0.018
0.023
c1
0.46
0.58
0.018
0.023
D
5.97
6.22
0.235
0.245
D1
4.32
5.21
0.170
0.205
E
6.35
6.73
0.250
0.265
E1
4.32
5.21
0.170
0.205
e
2.28 BSC
0.090 BSC
e1
4.57 BSC
0.180 BSC
H
9.40 10.42
0.370
0.410
L
0.51
1.02
0.020
0.040
L1
0.64
1.02
0.025
0.040
L2
0.89
1.27
0.035
0.050
L3
2.54
2.92
0.100
0.115
TO-263 Outline
1. Gate
2. Drain
3. Source
4. Drain
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.40
0.74
.016
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
8.00
8.89
.280
.320
E
9.65
10.41
.380
.405
E1
6.22
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.13
0
.005



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com