Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP18P10T Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTP18P10T
Description  TrenchP Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP18P10T Datasheet(HTML) 5 Page - IXYS Corporation

  IXTP18P10T Datasheet HTML 1Page - IXYS Corporation IXTP18P10T Datasheet HTML 2Page - IXYS Corporation IXTP18P10T Datasheet HTML 3Page - IXYS Corporation IXTP18P10T Datasheet HTML 4Page - IXYS Corporation IXTP18P10T Datasheet HTML 5Page - IXYS Corporation IXTP18P10T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
IXTY18P10T IXTA18P10T
IXTP18P10T
Fig. 14. Resistive Turn-on Rise Time vs.
Drain Current
21
22
23
24
25
26
27
28
29
30
-18
-17
-16
-15
-14
-13
-12
-11
-10
-9
ID - Amperes
RG = 10Ω , VGS = -10V
VDS = - 50V
TJ = 25ºC
TJ = 125ºC
Fig. 15. Resistive Turn-on Switching Times vs.
Gate Resistance
14
16
18
20
22
24
26
28
30
10
12
14
16
18
20
22
24
26
28
30
RG - Ohms
0
10
20
30
40
50
60
70
80
t r
td(on) - - - -
TJ = 125ºC, VGS = -10V
VDS = - 50V
I D = -18A, - 9A
Fig. 16. Resistive Turn-off Switching Times vs.
Junction Temperature
19
20
21
22
23
24
25
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
30
34
38
42
46
50
54
t f
td(off) - - - -
RG = 10Ω, VGS = -10V
VDS = - 50V
I D = -18A, - 9A
Fig. 17. Resistive Turn-off Switching Times vs.
Drain Current
30
33
36
39
42
45
48
51
54
-18
-17
-16
-15
-14
-13
-12
-11
-10
-9
ID - Amperes
19
20
21
22
23
24
25
26
27
t f
td(off) - - - -
RG = 10Ω, VGS = -10V
VDS = - 50V
TJ = 125ºC
TJ = 25ºC
Fig. 13. Resistive Turn-on Rise Time vs.
Junction Temperature
20
21
22
23
24
25
26
27
28
29
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 10Ω , VGS = -10V
VDS = - 50V
I D = - 9A
I D = -18A
Fig. 18. Resistive Turn-off Switching Times vs.
Gate Resistance
15
20
25
30
35
40
45
50
55
60
65
10
12
14
16
18
20
22
24
26
28
30
32
34
RG - Ohms
10
20
30
40
50
60
70
80
90
100
110
t f
td(off) - - - -
TJ = 125ºC, VGS = -10V
VDS = - 50V
I D = - 9A, -18A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com