Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2467 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # AN2467
Description  Dual 24 V, 6.0 mOhm High Side Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN2467 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  AN2467 Datasheet HTML 1Page - Freescale Semiconductor, Inc AN2467 Datasheet HTML 2Page - Freescale Semiconductor, Inc AN2467 Datasheet HTML 3Page - Freescale Semiconductor, Inc AN2467 Datasheet HTML 4Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Protection
Protection
Detect
Shut Down
Auto Retry
Status
Reporting
Short-circuit
•
•
•
Over-temperature
•
•
•
•
Over-current
•
•
•
•
Over-voltage
•
•
Under-voltage
•
•
•
•
Open Load Detect
•
•
Load Shorted to
Battery
•
•
Performance
Parametric
Typical Values
# of Outputs
2
R
DS(ON) @ 25 °C
Dual 6 mΩ
Operating Voltage
8 to 36 V
Extended Operating Range
6 to 58 V
Peak Current
90 A
ESD
± 8.0 kV power I/Os
± 2.0 kV digital I/Os
Ambient Operating Temperature (T
A)
- 40 °C < T
A < 125 °C
Junction Operating Temperature (T
J)
- 40 °C < T
J < 150 °C
• Does your application require high lifetime expectancy (over 30,000 hrs) or 1.5 million km?
• Do you need to improve your application robustness with respect to wear out mechanisms?
• Do you have a need to drive higher nominal and transient voltages?
• Do you have a need to drive higher nominal load currents?
• Does your system require Fail-safe operation?
• Do you need pulse-width modulation (PWM) for load protection/control and efficiency?
• Do you need a device that can report Diagnostics (opens, shorts, over current, over temperature,
etc.)?
• Do you have a need to reduce cost, size, weight and improve efficiency?
Questions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com