Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2467 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # AN2467
Description  Dual 24 V, 6.0 mOhm High Side Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN2467 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  AN2467 Datasheet HTML 1Page - Freescale Semiconductor, Inc AN2467 Datasheet HTML 2Page - Freescale Semiconductor, Inc AN2467 Datasheet HTML 3Page - Freescale Semiconductor, Inc AN2467 Datasheet HTML 4Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Analog, Mixed-Signal and Power Management
MC06XS4200
Overview
The MC06XS4200 device is part of a 24 V high side switch product family with integrated
control, and a high number of protective and diagnostic functions. It is designed for truck,
bus, and industrial applications. The low R
DS(ON) channels (<6.0 mΩ) can control different
load types; bulb lamps, solenoids, or DC motors.
Control, device configuration, and diagnostics are performed through a 16-bit serial
peripheral interface (SPI), allowing easy integration into existing applications. Both
channels can be controlled individually by external or internal clock signals, or by direct
inputs. Using the internal clock allows fully autonomous device operation. Programmable
output voltage slew-rates (individually programmable) help improve electromagnetic
compatibility (EMC) performance.
To avoid shutting off the device due to inrush current, while still being able to closely
track the load current, a dynamic over-current threshold profile is featured. Switching
current of each channel can be sensed with a programmable sensing ratio. Whenever
communication with the external microcontroller is lost, the device enters a Fail-safe
operation mode, but remains operational, controllable, and protected.
Dual 24 V, 6.0 mOhm High Side Switch
Applications
• Automotive (12 V system)
• Truck, Bus, industrial vehicles (24 V
system)
• Low voltage automotive lighting
• Halogen bulbs
• Light-emitting diodes (LEDs)
• Low and High beam
• Flashers
• Low voltage industrial lighting
MC06XS4200 Simplified Application Diagram
MCU
VDD
CLOCK
FSB
SCLK
CSB
SO
RSTB
SI
IN0
IN1
CSNS
GND
VDD
VPWR
HS0
HS1
LOAD
I/O
SCLK
CSB
SI
I/O
SO
I/O
I/O
A/D
GND
LOAD
M
CONF0
CONF1
FSOB
I/O
A/D
SYNC
I/O
06XS4200
VDD
VPWR


Similar Part No. - AN2467

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN2467 FREESCALE-AN2467 Datasheet
8Mb / 2P
Dual 6.0 m high-side switch
AN2467 FREESCALE-AN2467 Datasheet
8Mb / 2P
Dual 10 m high-side switch
AN2467 FREESCALE-AN2467 Datasheet
8Mb / 2P
Dual 16 mOhm High-Side Switch
More results

Similar Description - AN2467

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
Dual 24 V, 10 mOhm High Side Switch
MC20XS4200 FREESCALE-MC20XS4200 Datasheet
1Mb / 60P
Dual 24 V, 20 mOhm High Side Switch
06XS4200 FREESCALE-06XS4200 Datasheet
2Mb / 61P
Dual 24 V 6.0 mOhm High Side Switch
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
Dual 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
MC06XSD200 NXP-MC06XSD200 Datasheet
3Mb / 59P
Dual 6.0 mOhm High Side Switch
Rev. 3.0, 12/2013
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC22XSD200 NXP-MC22XSD200 Datasheet
1Mb / 58P
Dual 24 V, 22 mOhm high-side switch
Rev. 2.0, 8/2016
MC50XS4200 NXP-MC50XS4200 Datasheet
1Mb / 66P
Dual 24 V, 50 mOhm high-side switch
Rev. 5.0, 6/2018
MC50XSD200 NXP-MC50XSD200 Datasheet
1Mb / 58P
Dual 24 V, 50 mOhm high-side switch
Rev. 2.0, 8/2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com