Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2011 Datasheet(PDF) 2 Page - Gilway Technical Lamp

Part # E2011
Description  Light Bar
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E2011 Datasheet(HTML) 2 Page - Gilway Technical Lamp

  E2011 Datasheet HTML 1Page - Gilway Technical Lamp E2011 Datasheet HTML 2Page - Gilway Technical Lamp E2011 Datasheet HTML 3Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
Luminous Intensity
Forward Voltage
Peak
Line
Part
at 20mA
at 20mA
Wave Length
No.
No.
Lens
Minimum
Maximum
Typical
Maximum
at 20mA
Drawing
1
E2030
Diffused
30.0mcd
80.0mcd
1.85V
2.5V
660nm
A
White
2
E2031
Diffused
20.0mcd
50.0mcd
2.2V
2.5V
565nm
A
White
Light Bar (19.95mm x 3.81mm)
A
ULTRA BRIGHT
• RED
SUPER BRIGHT
• GREEN
LED Bargraph, 10 Segment
Luminous Intensity
Forward Voltage
Peak
Line
Part
at 10mA
at 20mA
Wave Length
No.
No.
Lens
Minimum
Typical
Typical Minimum
at 20mA
Drawing
3
E1010
Diffused
9000µcd
31,000µcd
1.85V
2.5V
660nm
B
4
E1011
Diffused
2200µcd
9000µcd
2.0V
2.5V
625nm
B
5
E1012
Diffused
2200µcd
9000µcd
2.1V
2.5V
590nm
B
6
E1013
Diffused
3600µcd
14,000µcd
2.2V
2.5V
565nm
B
• YELLOW
• GREEN
ULTRA BRIGHT
• RED
HIGH EFFICIENCY
• RED
B
81



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com