Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2011 Datasheet(PDF) 3 Page - Gilway Technical Lamp

Part # E2011
Description  Light Bar
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E2011 Datasheet(HTML) 3 Page - Gilway Technical Lamp

  E2011 Datasheet HTML 1Page - Gilway Technical Lamp E2011 Datasheet HTML 2Page - Gilway Technical Lamp E2011 Datasheet HTML 3Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
(A)
Luminous Intensity
Forward Voltage
Peak
Line
Part
at 20mA
at 20mA
Wave Length
Dimensions
No.
No.
Minimum
Maximum
Typical
Maximum
at 20mA
L1
L2
L3
H1
Drawing
1
MD5219R
7.5mcd
12.5mcd
4.50V
5.50V
625nm
52
47
49.5
19
A
2
MD5219G
6.6mcd
11.0mcd
4.50V
5.50V
565nm
52
47
49.5
19
A
LED Modulite (Recommended for LCD Backlighting)
A
• RED
(A) Per 2 Pin Module
• GREEN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com