Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E113 Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # E113
Description  Miniature LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E113 Datasheet(HTML) 1 Page - Gilway Technical Lamp

  E113 Datasheet HTML 1Page - Gilway Technical Lamp E113 Datasheet HTML 2Page - Gilway Technical Lamp E113 Datasheet HTML 3Page - Gilway Technical Lamp E113 Datasheet HTML 4Page - Gilway Technical Lamp E113 Datasheet HTML 5Page - Gilway Technical Lamp E113 Datasheet HTML 6Page - Gilway Technical Lamp E113 Datasheet HTML 7Page - Gilway Technical Lamp E113 Datasheet HTML 8Page - Gilway Technical Lamp E113 Datasheet HTML 9Page - Gilway Technical Lamp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
Miniature LEDs (2.0mm Diameter)
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum
Typical
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
1
E3
Translucent
0.5mcd
3.0mcd
45°
2.1V
2.7V
700nm
A
2
E5
Translucent
0.5mcd
3.0mcd
45°
2.1V
2.7V
560nm
A
• RED
• GREEN
A
T-1 LEDs (Very Bright)
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum
Maximum
2
θθθθθ½
Typical
Maximum
at 20mA
Drawing
3
E100
Clear
90mcd
200mcd
50°
2.1V
3.0V
625nm
B
4
E102
Clear
90mcd
200mcd
50°
2.1V
3.0V
610nm
B
5
E103
Translucent
56mcd
160mcd
50°
2.1V
3.0V
610nm
B
6
E104
Clear
90mcd
200mcd
50°
2.2V
3.0V
585nm
B
7
E105
Translucent
56mcd
160mcd
50°
2.2V
3.0V
585nm
B
8
E106
Clear
90mcd
200mcd
50°
2.2V
3.0V
565nm
B
9
E112
Diffused
36mcd
100mcd
60°
2.1V
3.0V
625nm
B
10
E113
Diffused
36mcd
100mcd
60°
2.1V
3.0V
610nm
B
11
E114
Diffused
36mcd
100mcd
60°
2.2V
3.0V
585nm
B
12
E116
Diffused
36mcd
100mcd
60°
2.2V
3.0V
565nm
B
• ORANGE
• RED
• YELLOW
• GREEN
B
• RED
• ORANGE
• YELLOW
• GREEN
60


Similar Part No. - E113

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
E113 MPD-E113 Datasheet
160Kb / 2P
Isolated, Single Output Miniature, 1W SIP DC/DC Converters
E113E MPD-E113E Datasheet
230Kb / 2P
Low Cost, 1W Ultra-Miniature SIP DC/DC Converters
E113EI MPD-E113EI Datasheet
266Kb / 2P
1W, High Isolation Ultra-Miniature SIP DC/DC Converters
E113I MPD-E113I Datasheet
185Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
More results

Similar Description - E113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA93 ETC-BA93 Datasheet
40Kb / 1P
MINIATURE BAYONET 9MM T1 3/4 THREE CLUSTER ULTRA BRIGHT LEDS
logo
Agilent(Hewlett-Packard...
HSMF-C165 HP-HSMF-C165 Datasheet
200Kb / 8P
Miniature Bi-Color Surface Mount Chip LEDs
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H Datasheet
52Kb / 2P
12 AMP MINIATURE MINIATURE
logo
Sanken electric
SEC1005 SANKEN-SEC1005 Datasheet
440Kb / 2P
1.6 횞 0.8 Miniature Surface Mount LEDs
SEC1007 SANKEN-SEC1007 Datasheet
440Kb / 2P
1.6 횞 0.8 Miniature Surface Mount LEDs
logo
Tyco Electronics
OMI-SH-205D MACOM-OMI-SH-205D Datasheet
113Kb / 2P
2 Pole Miniature 2 Pole Miniature
logo
Marktech Corporate
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
LEDs
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
LEDs
TR3547 MARKTECH-TR3547 Datasheet
449Kb / 5P
LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com