Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E113 Datasheet(PDF) 13 Page - Gilway Technical Lamp

Part # E113
Description  Miniature LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E113 Datasheet(HTML) 13 Page - Gilway Technical Lamp

Back Button E113 Datasheet HTML 9Page - Gilway Technical Lamp E113 Datasheet HTML 10Page - Gilway Technical Lamp E113 Datasheet HTML 11Page - Gilway Technical Lamp E113 Datasheet HTML 12Page - Gilway Technical Lamp E113 Datasheet HTML 13Page - Gilway Technical Lamp E113 Datasheet HTML 14Page - Gilway Technical Lamp E113 Datasheet HTML 15Page - Gilway Technical Lamp E113 Datasheet HTML 16Page - Gilway Technical Lamp E113 Datasheet HTML 17Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
T-1¾ Full Color LEDs
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
90mcd
200mcd
15°
2.0V
2.5V
625nm
3
E1000
Clear
50mcd
90mcd
15°
2.2V
2.5V
565nm
C
12.5mcd
40mcd
15°
4.5V
5.5V
430nm
Diffused
20.0mcd
90.0mcd
30°
2.0V
2.5V
625nm
4
E1001
White
20.0mcd
70.0mcd
30°
2.2V
2.5V
565nm
C
3.2mcd
12.5mcd
30°
4.5V
5.5V
430nm
O WHITE
O WHITE
C
T-1 and T-1¾, Mega Bright White LEDs
Luminous Intensity
Viewing
Forward Voltage
Reverse
Chromaticity
Line
Part
at 20mA
Angle
at 20mA
Current
Coordinates
No.
No.
Size
Lens
Minimum
Typical
2
θθθθθ½
Typical
Maximum
(V
R=5.0V)
X Typ. Y Typ.
Drawing
1
E1004
T-1
Clear
700mcd
2800mcd
25°
3.6V
4.0V
50µA
0.31
0.32
A
2
E1003
T-1¾
Clear
1400mcd
5600mcd
15°
3.6V
4.0V
50µA
0.31
0.32
B
• WHITE
• WHITE
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com