Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F600 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # F600
Description  RELAY - NONLATCH 6 PDT, 10 AMP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F600 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button F600 Datasheet HTML 7Page - List of Unclassifed Manufacturers F600 Datasheet HTML 8Page - List of Unclassifed Manufacturers F600 Datasheet HTML 9Page - List of Unclassifed Manufacturers F600 Datasheet HTML 10Page - List of Unclassifed Manufacturers F600 Datasheet HTML 11Page - List of Unclassifed Manufacturers F600 Datasheet HTML 12Page - List of Unclassifed Manufacturers F600 Datasheet HTML 13Page - List of Unclassifed Manufacturers F600 Datasheet HTML 14Page - List of Unclassifed Manufacturers F600 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MOUNTING HARDWARE DIMENSIONS
S600/S601
Unless otherwise specified tolerances are ±0.13mm
TERMINAL LAYOUT
Date of issue: 3/06
- 3 -
Page 2 of 3
CODE 7:
(05-284-15)
LOOSE METRIC HARDWARE
TOP MOUNT
FOR RELAYS WITH CODE B TERMINALS
MOUNTING HOLE:3,6 mm
CODE 8
LOOSE UNC STUDS PER MIL-S-12883/47
BOTTOM MOUNT
TOP MOUNT
MOUNTING HOLE:5,3 mm
MOUNTING HOLE:3,6 mm
MOUNTING TORQUE
NUT 2,8: 0,45 Nm
NUT 4,8: 2 Nm
CODE 9
FIXED UNC STUDS PER MIL-S-12883/47
BOTTOM MOUNT
TOP MOUNT
MOUNTING HOLE:5,3 mm
MOUNTING HOLE:3,6 mm
MOUNTING TORQUE
NUT 2,8: 0,45 Nm
NUT 4,8: 2 Nm
27.3
36.5
27.6 MAX
43.7
LEACH P/N
E
F
X2
C
D
B
A
3
2
X1
1
E
F
X2
C
D
B
X1
A
3
2
1
CODE A S600
CODE B S601
36.5
28.2
MOUNTING HOLE LAYOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com