Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F600 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # F600
Description  RELAY - NONLATCH 6 PDT, 10 AMP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F600 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  F600 Datasheet HTML 1Page - List of Unclassifed Manufacturers F600 Datasheet HTML 2Page - List of Unclassifed Manufacturers F600 Datasheet HTML 3Page - List of Unclassifed Manufacturers F600 Datasheet HTML 4Page - List of Unclassifed Manufacturers F600 Datasheet HTML 5Page - List of Unclassifed Manufacturers F600 Datasheet HTML 6Page - List of Unclassifed Manufacturers F600 Datasheet HTML 7Page - List of Unclassifed Manufacturers F600 Datasheet HTML 8Page - List of Unclassifed Manufacturers F600 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MOUNTING STYLES
F600
Dimensions in mm
Tolerances unless otherwise specified ±0.25mm
TERMINAL TYPES
Date of issue: 01/07
- 107 -
Page 3 of 4
4
CONTRASTING BEAD
37.7
MAX
25.4
±0.5
4
26 MAX
A
25.7
MAX
M3
OR 4.40 UNC 2 B
B : ISO M3
C : UNC
35.8
MAX
D
±0.15
±0.15
±0.15
4
36.5
Ø4.5
5.2
1
±0.15
4
M3
44 MAX
K
THE DELIVERY OF 10174 ISOLATION
1 OR 8 TERMINAL; IT INCLUDES
K MOUNTING MAY BE USED WITH
SPACER PAD
1
6.9
±0.2
2
Ø2
7.9
MAX
GASKET
SHORE
A 15-30
±0.1
1.3
4
ISOLATION PAD
10174
+0.5
3.6+0
Ø1.57
±0.03
5.08
5.08
8
1.27
SILICON
SHORT TIN
PLATED PINS
SOLDER HOOKS
TIN PLATED PINS
GOLD PLATED PINS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com