Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IAG4-39221-1 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # IAG4-39221-1
Description  Magnetic Circuit Protectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IAG4-39221-1 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button IAG4-39221-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers IAG4-39221-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers IAG4-39221-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers IAG4-39221-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers IAG4-39221-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers IAG4-39221-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers IAG4-39221-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers IAG4-39221-1 Datasheet HTML 11Page - List of Unclassifed Manufacturers IAG4-39221-1 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SEALED TOGGLE CIRCUIT PROTECTORS
(IAGN/IUGN)
The IAGN/IUGN family is a sealed toggle version of the IAG/IUG
family. The silicone rubber seal around the handle assures
panel seal integrity and makes this style a natural for harsh
environments.
This sealed toggle family is available in one to three poles with
ratings of .050 to 50 amperes.
Note: Tolerance ± .015 [.38] unless noted. Dimensions in brackets [ ] are millimeters.
13º
±3º
ON
OFF
13º
±3º
LOCKWASHER
1/2 – 32 HEX NUT
RUBBER “O” RING
2.256
[57.30]
MAX.
.130
[3.30]
6 – 32 MTG. SCREW
FOR HIGH SHOCK
MTG.
.625
[15.88]
.750
[19.05]
2.000
[50.80]
1.220
[30.99]
KEYWAY
.060 [1.52] – .065 [1.65] WIDE
.030 [.76] – .035 [.89] DEEP
.750
[19.05]
.656
[16.66]
1.515
[38.48]
MAX.
2.265
[57.53]
MAX.
.656
[16.66]
.515
[13.08]
.156
[3.96]
.750
[19.05]
.750
[19.05]
.750
[19.05]
Single Pole
Two Pole
Three Pole
Mounting Detail
Single Pole
Two Pole*
Three Pole*
Optional Handle
Panel Mounting Detail: Tolerance for Mtg. ±.005 [.13] unless noted.
*See Single Pole Mounting Detail for hole sizes and locations.
(Optional: Handle may be
located in Pole 2 instead
of Pole 1)
IAG Series - Handles
http://airpax.sensata.com
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com