Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IAG4-39221-1 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # IAG4-39221-1
Description  Magnetic Circuit Protectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IAG4-39221-1 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button IAG4-39221-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers IAG4-39221-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers IAG4-39221-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers IAG4-39221-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers IAG4-39221-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers IAG4-39221-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers IAG4-39221-1 Datasheet HTML 11Page - List of Unclassifed Manufacturers IAG4-39221-1 Datasheet HTML 12Page - List of Unclassifed Manufacturers IAG4-39221-1 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
2.598
[65.99]
OFF
ON
OFF
ON
1.488
[37.80]
2.232
[56.69]
2.976
[75.59]
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
.744
[18.90]
MAX.
ON
OFF
[52.70]
2.075
[42.85]
1.687
[6.09]
.240
[17.53]
.690
[30.99]
1.220
[50.80]
2.000
32º
32º
.127
[3.23]
DIM. “A”
(SEE TABLE)
IEGHS/CEGHS/LEGHS Circuit Protectors (Note B)
(Multi-Pole-IEGH Handles Per Pole)
(Omit H for Single Pole)
Panel Cutout Detail
Panel Thickness: (See Table)
Note:
A: Flush face plate is optional. See decision tables, sixth decision.
B:Tolerance ± .031 [.79] Angles: ±5° unless noted. Dimensions in
brackets [ ] are millimeters.
SNAP-IN CIRCUIT PROTECTORS
(IEGS/IEGHS/CEGS/CEGHS/LEGS/LEGHS)
The Snap-In version of the IEG brings mounting simplification
and international spacing together in a package that is
aesthetically enhanced. The IEGS securely snaps into a
rectangular cut-out, eliminating the need for panel mounting
hardware and the associated costs. The face plate of the IEGS
is a clean, black matte and it satisfies the increasing demand
for front panel components that are designed with ergonomic
considerations.
The IEGS is offered in either flush or beveled versions, in 1, 2, 3
or 4 pole packages, and with a handle per pole or per unit.
The IEGS is UL Recognized, CSA Certified and VDE approved.
DIM. “B”
(SEE TABLE)
DIM. “C”
(SEE TABLE)
DIMENSIONS “A”, “B”, “C”
Number of Poles
Dimension “A”, inches [ mm ]
Dimension “B”, inches [ mm ]
Dimension “C”, inches [ mm ]
1 pole
.750 [19.05] max
.755 [19.18] min
2.180 ± .005
[55.37 ± .13]
2.186 ± .011
[55.52 ± .28]
2 pole
1.515 [38.48] max
1.520 [38.61] min
3 pole
2.265 [57.53] max
2.270 [57.66] min
4 pole
3.015 [76.58] max
3.020 [76.71] min
Panel Thickness
.040 to .059
[1.02 to 1.50]
.060 to .100
[1.52 to 2.54]
IAG Series - Handles
106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com