Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX5 Datasheet(PDF) 2 Page - Rohm

Part # IMX5
Description  High transition frequency (dual transistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMX5 Datasheet(HTML) 2 Page - Rohm

  IMX5 Datasheet HTML 1Page - Rohm IMX5 Datasheet HTML 2Page - Rohm IMX5 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.09 - Rev.C
Data Sheet
EMX5 / UMX5N / IMX5
Electrical characteristics (Ta=25
C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Transition frequency
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
20
11
3
−
−
56
−
−
−
−
−
−
−
−
−
−
−
−
0.5
0.5
120
0.5
1.55
V
V
V
μA
μA
−
V
GHz
∗
Cob
1.4
3.2
0.9
−
pF
IC
=10μA
IC
=1mA
IE
=10μA
VCB
=10V
VEB
=2V
VCE/IE
=10V/−10mA, f=500MHz
VCB/f
=10V/1MHz, IE=0A
IC/IB
=10mA/5mA
VCE/IC
=10V/5mA
∗Transition frequency of the device.
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Output capacitance
Electrical characteristics curves
Fig.1 DC current gain vs. collector current
COLLECTOR CURRENT : IC
(mA)
0.2
0.1
0.5
1
2
510
20
50
20
10
50
100
200
500
Ta=25
°C
VCE
=10V
Fig.2 Collector-emitter saturation voltage
vs. collector current
COLLECTOR CURRENT : IC
(mA)
0.2
0.1
0.5
1
2
5
10
20
50
20
10
50
100
200
500
Ta=25
°C
Ic/IB
=10
Ic/IB
=2
Fig.3 Gain bandwidth product vs. emitter current
EMITTER CURRENT : IE
(mA)
−0.2
−0.1
−0.5
−1 −2
−5
−10 −20
−50
0.2
0.1
0.5
1.0
2.0
5.0
Ta=25
°C
VCE
=10V
Fig.4 Capacitance vs. reverse bias voltage
COLLECTOR TO BASE VOLTAGE : VCB
(V)
0.2
0.1
0.5
1
2
5
10
20
50
0.2
0.1
0.5
1.0
2.0
5.0
Ta=25
°C
f
=1MHz
IE
=0A
Cob
Cre
Fig.5 Collector to base time constant
vs. collector current characteristics
COLLECTOR CURRENT : IC
(mA)
0.2
0.1
0.5
1
2
5
10
20
50
2.0
1.0
5.0
10
20
50
Ta=25
°C
VCE
=10V
f=31.8MHz
Fig.6 Noise factor vs. collector current characteristics
COLLECTOR CURRENT : IC
(mA)
0.2
0.1
0.5
1
2
5
10
20
50
10
0
20
Ta=25
°C
VCE
=6V
f
=500MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com