Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX5 Datasheet(PDF) 1 Page - Rohm

Part # IMX5
Description  High transition frequency (dual transistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMX5 Datasheet(HTML) 1 Page - Rohm

  IMX5 Datasheet HTML 1Page - Rohm IMX5 Datasheet HTML 2Page - Rohm IMX5 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.09 - Rev.C
High transition frequency (dual transistors)
EMX5 / UMX5N / IMX5
Features
Dimensions (Unit : mm)
1) Two 2SC3838K chips in a EMT or UMT or SMT package.
2) High transition frequency. (fT=3.2GHz)
3) Low output capacitance. (Cob=0.9pF)
Inner circuits
EMX5 / UMX5N
(3)
(2)
(1)
(4)
(5)
(6)
IMX5
Tr1
Tr1
Tr2
Tr2
(4)
(5)
(6)
(3)
(2)
(1)
Absolute maximum ratings (Ta=25
C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
Pc
Tj
Tstg
Limits
20
11
3
50
300(TOTAL)
150(TOTAL)
EMX5 / UMX5N
IMX5
150
−55 to +150
Unit
V
V
V
mA
mW
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
∗1 120mW per element must not be exceeded.
∗2 200mW per element must not be exceeded.
∗1
∗2
Package, marking, and packaging specifications
Type
EMX5
EMT6
X5
T2R
8000
IMX5
SMT6
X5
T108
3000
UMX5N
UMT6
X5
TR
3000
Package
Marking
Code
Basic ordering unit (pieces)
This product might cause chip aging and breakdown under the large electrified environment.
Please consider to design ESD protection circuit.
UMX5N
Each lead has same dimensions
ROHM : UMT6
EIAJ : SC-88
IMX5
Each lead has same dimensions
ROHM : SMT6
EIAJ : SC-74
Each lead has same dimensions
ROHM : EMT6
EMX6


Similar Part No. - IMX5

ManufacturerPart #DatasheetDescription
logo
Rohm
IMX5 ROHM-IMX5 Datasheet
67Kb / 2P
High transition frequency (dual transistors)
IMX5 ROHM-IMX5 Datasheet
75Kb / 3P
High transition frequency (dual transistors)
IMX5 ROHM-IMX5 Datasheet
110Kb / 3P
High transition frequency (dual transistors)
IMX5 ROHM-IMX5 Datasheet
169Kb / 3P
High transition frequency (dual transistors)
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
More results

Similar Description - IMX5

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX4 ROHM-EMX4 Datasheet
66Kb / 2P
High transition frequency (dual transistors)
EMX5 ROHM-EMX5 Datasheet
67Kb / 2P
High transition frequency (dual transistors)
logo
AUK corp
STC918K AUK-STC918K Datasheet
282Kb / 11P
High current transition frequency
logo
Rohm
UMX21N ROHM-UMX21N Datasheet
68Kb / 3P
High transition frequency (dual transistors)
UMW6N ROHM-UMW6N Datasheet
76Kb / 4P
High transition frequency (dual transistors)
EMX5 ROHM-EMX5_1 Datasheet
75Kb / 3P
High transition frequency (dual transistors)
EMX5 ROHM-EMX5_1 Datasheet
110Kb / 3P
High transition frequency (dual transistors)
EMX4 ROHM-EMX4_1 Datasheet
113Kb / 4P
High transition frequency (dual transistors)
EMX5 ROHM-EMX5_10 Datasheet
169Kb / 3P
High transition frequency (dual transistors)
IMX5T108 ROHM-IMX5T108 Datasheet
129Kb / 3P
High transition frequency (dual transistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com