Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POINT-SOURCE Datasheet(PDF) 1 Page - Marktech Corporate

Part # POINT-SOURCE
Description  Point Source Emitters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

POINT-SOURCE Datasheet(HTML) 1 Page - Marktech Corporate

  POINT-SOURCE Datasheet HTML 1Page - Marktech Corporate POINT-SOURCE Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Point Source Emitters
Product Overview
The Marktech Point Source Emitter series incorporates a specially
designed LED die and aperture window to create a precise,
unobstructed light output pattern. The key design feature of
the Point Source LED die is a wire bond which attaches next
to the emission window as opposed to the center of the window
eliminating any dark spots in the light output pattern. Traditional
wire bonding of a standard LED emitter die is attached to the top
center of the die which creates a “dark spot” and therefore will
effect the light output from device to device. These variations in
light output of a standard LED emitter can have a negative affect
in a critical sensing application.
The Point Source series outperforms standard emitters at high
speeds yielding a stable output pattern and making them the
device of choice for applications which include encoders and
linear positioning equipment. High reliability package options
range from TO-18 and TO-46 metal cans to ceramic surface
mount packages. Varying package heights and lensing options
provide the designer with optimum flexibility in sophisticated
design efforts. Devices supplied without optics are manufactured
with a flat glass window allowing the designer to utilize proprietary
collimating or other application specific optics to take full
advantage of the undistorted beam. Custom packaging designs
which include Chip on Board configurations or custom apertures
are also available.
Unobstructed Light Output
In a simple side by side lighting comparison, the light emitted form
the Standard LED (left) has several dark spots due to the wire
bonding pad and obstruction from the wire bond. The Point Source
Emitter (right) has a narrow, well defined and precise light output
pattern.
Narrow Spectral Bandwidth
A key feature of the the Point Source LED series is a very narrow
spectral bandwidth. Custom sorting of wavelength as well as other
key parameters is available. Please contact Marktech to discuss the
application.
Spectral Output
Wavelength (nm)
750
0
20
40
60
80
100
120
800
850
900
950
For illustrative purposes only. Drawings are not to scale.
POINT SOURCE EMITTER LED
Emitting Light
Cathode
Terminal Pins
P-Layer
Active Area
n-Layer
Substrate
Anode
STANDARD LED
Emitting Light
Cathode
Terminal Pins
Anode
P-Layer
Active Area
n-Layer
Substrate
Emitting Light


Similar Part No. - POINT-SOURCE

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
POINT-SOURCE MARKTECH-POINT-SOURCE_15 Datasheet
191Kb / 2P
Point Source Emitters
More results

Similar Description - POINT-SOURCE

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE4088P MARKTECH-MTE4088P Datasheet
60Kb / 2P
Point Source LED
MTPS4088NP1 MARKTECH-MTPS4088NP1 Datasheet
58Kb / 2P
Point Source LED
MTPS4088W MARKTECH-MTPS4088W Datasheet
61Kb / 2P
Point Source LED
MTPS4088WG MARKTECH-MTPS4088WG Datasheet
108Kb / 2P
Point Source Emitter
MTPS9087W MARKTECH-MTPS9087W Datasheet
61Kb / 2P
Point Source LED
logo
Clairex Technologies, I...
CLE332 CLAIREX-CLE332 Datasheet
125Kb / 2P
850nm Point Source Emitters
logo
Marktech Corporate
MTPS8085N MARKTECH-MTPS8085N Datasheet
80Kb / 1P
Point Source LED
MTPS8085W MARKTECH-MTPS8085W Datasheet
102Kb / 1P
Point Source LED
MTPS9067WC MARKTECH-MTPS9067WC Datasheet
576Kb / 1P
Point Source LED
POINT-SOURCE MARKTECH-POINT-SOURCE_15 Datasheet
191Kb / 2P
Point Source Emitters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com