Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POINT-SOURCE Datasheet(PDF) 2 Page - Marktech Corporate

Part # POINT-SOURCE
Description  Point Source Emitters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

POINT-SOURCE Datasheet(HTML) 2 Page - Marktech Corporate

  POINT-SOURCE Datasheet HTML 1Page - Marktech Corporate POINT-SOURCE Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
website
:
www.marktechopto.com
toll free
:
1-800-984-5337
global headquarters
:
3 Northway Ln N, Latham, NY 12110
Product Selection
Part Number
Wavelength
(typ.)
Bandwidth
(typ.)
Power Output
(typ.)
Aperture Size
(typ.)
Beam Angle
(typ.)
Forward Current
(typ.)
Package
λ (nm)
Δλ (nm)
PO (mw)
φ (μm)
Θ (deg.)
IF (mA)
MTPS7065MT NEW
650
15
2.2
150
± 450
20
PLCC-4
MTPS7065MC NEW
650
15
1.6
150
± 450
20
Flat Top Ceramic SMT
MTPS1065PT
650
20
0.05
25
± 50
5
Hermetically Sealed Pigtail
MTPS1065WC
650
20
0.07
25
± 450
5
Hermetically Sealed TO-18
MTPS8065WC
650
25
0.9
80
± 450
20
Hermetically Sealed TO-18
MTPS9067MC
650
20
0.6
150
± 500
20
Flat Top Ceramic SMT
MTPS9067MT
650
20
2.4
150
± 500
20
PLCC-4
MTPS9067P
650
20
0.4
150
± 2.50
20
Hermetically Sealed TO-18
MTPS9067WC
650
20
0.4
150
± 450
20
Hermetically Sealed TO-18
MTPS9067NJ1
650
20
0.4
150
± 50
20
Hermetically Sealed TO-46
MTPS8065PT
650
25
0.7
80
± 50
20
Hermetically Sealed Pigtail
MTPS2085BWS NEW
850
30
1.7
50
± 50
50
Hermetically Sealed TO-18
MTPS2085BSL1 NEW
850
30
0.7
50
± 100
50
Focused Ball Lens TO-18”
MTPS2085BSL NEW
850
30
1.0
50
± 150
50
Focused Ball Lens TO-18”
MTPS9085P
850
25
2.4
150
± 2.50
50
Hermetically Sealed TO-18
MTPS9085NJ1
850
25
1.6
150
± 50
50
Hermetically Sealed TO-46
MTPS9085WC
850
25
2.0
150
± 450
50
Hermetically Sealed TO-18
MTPS3085MT
850
40
3.0
50
± 500
20
PLCC-4
MTPS3085MC
850
40
3.0
50
± 500
20
Flat Top Ceramic SMT
MTPS3085CP
850
40
1.6
50
± 60
20
Ceramic Dome TOP SMT
MTPS3085P
850
40
2.5
50
± 20
50
Hermetically Sealed TO-18
MTPS3085WC1
850
40
2.1
50
± 450
50
Hermetically Sealed TO-18
MTPS3085WS
850
40
2.8
50
± 500
50
Hermetically Sealed TO-18
MTPS8085MT
850
30
3.0
150
± 500
20
PLCC-4
MTPS8085MC
850
30
4.5
150
± 500
20
Flat Top Ceramic SMT
MTPS8085CP
850
30
2.5
150
± 60
20
Ceramic Dome TOP SMT
MTPS8085P
850
30
3.3
150
± 2.50
50
Hermetically Sealed TO-18
MTPS8085NJ1
850
30
3.0
150
± 120
50
Hermetically Sealed TO-46
MTPS8085PT
850
30
2.0
150
± 50
50
Hermetically Sealed Pigtail
MTPS8085M1
850
30
8.0
150
± 400
50
TO-46 Drip Lens
MTPS8085FT
850
30
1.0
150
± 250
50
Hermetically Sealed Pigtail
MTPS8085W
850
30
6.0
150
± 200
50
Hermetically Sealed TO-18
Electrical & Optical Characteristics (Ta = 25ºC)
Applications
Encoders
Linear Positioning
Line Sensing
Medical Sensing
Short Haul Fiber
Machine Vision
Edge Sensing
Optical Switches
Advantages
Unobstructed Light Output
Well Defined Beam for High Accuracy
High Current Capability
No Side Light Emissions
Fiber Optic Cable can be placed close to die
Narrow Spectral Bandwidth
Flexible Emission Area (25μm to
150μm)
Under Development
740nm & 880nm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com