Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1116 Datasheet(PDF) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AS1116
Description  64 LED Dr iver wi th Detai led Er ror Detect ion
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AS1116 Datasheet(HTML) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AS1116 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1116
Revision 1.08
12 - 23
AS1116
Datasheet - D e t a i l e d D e s c r i p t i o n
The Shutdown Register controls AS1116 shutdown mode.
Decode Enable Register (0x09)
The Decode Enable Register sets the decode mode. BCD/HEX decoding (either BCD code – characters 0:9, E, H, L, P, and -, or HEX code –
characters 0:9 and A:F) is selected by bit D2 (page 16) of the Feature Register. The Decode Enable Register is used to select the decode mode
or no-decode for each digit. Each bit in the Decode Enable Register corresponds to its respective display digit (i.e., bit D0 corresponds to digit 0,
bit D1 corresponds to digit 1 and so on). Table 10 lists some examples of the possible settings for the Decode Enable Register bits.
Note:
A logic high enables decoding and a logic low bypasses the decoder altogether.
When decode mode is used, the decoder looks only at the lower-nibble (bits D3:D0) of the data in the Digit-Registers, disregarding bits D6:D4.
Bit D7 sets the decimal point (SEG DP) independent of the decoder and is positive logic (bit D7 = 1 turns the decimal point on). Table 10 lists
the code-B font; Table 11 lists the HEX font.
When no-decode mode is selected, data bits D7:D0 of the Digit-Registers correspond to the segment lines of the AS1116. Table 12 shows the
1:1 pairing of each data bit to the appropriate segment line.
Table 8. Shutdown Register Format (Address (HEX) = 0x0C))
Mode
HEX
Code
Register Data
D7
D6 D5 D4
D3 D2
D1 D0
Shutdown Mode, Reset Feature Register to Default Settings
0x00
0
X
X
X
X
X
X
0
Shutdown Mode, Feature Register Unchanged
0x80
1
X
X
X
X
X
X
0
Normal Operation, Reset Feature Register to Default Settings
0x01
0
X
X
X
X
X
X
1
Normal Operation, Feature Register Unchanged
0x81
1
X
X
X
X
X
X
1
Table 9. Decode Enable Register Format Examples
Decode Mode
HEX
Code
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
No decode for digits 7:0
0x00
0
0
0
0
0
0
0
0
Code-B/HEX decode for digit 0. No decode for digits 7:1
0x01
0
0
0
0
0
0
0
1
Code-B/HEX decode for digit 0:2. No decode for digits 7:3
0x07
0
0
0
0
0
1
1
1
Code-B/HEX decode for digits 0:5. No decode for digits 7:6
0x3F
0
0
1
1
1
1
1
1
Code-B/HEX decode for digits 0,2,5. No decode for digits 1, 3, 4, 6, 7
0x25
0
0
1
0
0
1
0
1
Table 10. Code-B Font
Char-
acter
Register Data
Char-
acter
Register Data
Char-
acter
Register Data
D7
D6:D4
D3
D2
D1
D0
D7
D6: D4
D3
D2
D1
D0
D7
D6:D4
D3
D2
D1
D0
X
0
0
0
0
X
0
1
1
0
X
1
1
0
0
X
0
0
0
1
X
0
1
1
1
X
1
1
0
1
X
0
0
1
0
X
1
0
0
0
X
1
1
1
0
X
0
0
1
1
X
1
0
0
1
X
1
1
1
1
X
0
1
0
0
X
1
0
1
0
1
*
X
X
X
X
X
X
0
1
0
1
X
1
0
1
1
*
The decimal point can be enabled with every character by setting bit D7 = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com