Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1116 Datasheet(PDF) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AS1116
Description  64 LED Dr iver wi th Detai led Er ror Detect ion
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AS1116 Datasheet(HTML) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  AS1116 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1116 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
A S 111 6
6 4 L E D D r i v e r w i t h D e t a i l e d E r r o r D e t e c t i o n
www.austriamicrosystems.com/LED-Driver-ICs/AS1116
Revision 1.08
1 - 23
D a ta s h e e t
1 General Description
The AS1116 is a compact LED driver for 64 single LEDs or 8 digits of
7-segments. The devices can be programmed via an SPI compatible
3-wire interface.
Every segment can be individually addressed and updated sepa-
rately. Only one external resistor (RSET) is required to set the cur-
rent. LED brightness can be controlled by analog or digital means.
The devices include an integrated BCD code-B/HEX decoder, multi-
plex scan circuitry, segment and display drivers, and a 64-bit mem-
ory. Internal memory stores the shift register settings, eliminating the
need for continuous device reprogramming.
Additionally the AS1116 offers a diagnostic mode for easy and fast
production testing and allows the use of the AS1116 for critical appli-
cations. The diagnostic allows to detect individual open or shorted
LEDs.
The AS1116 features a low shutdown current of typically 200nA, and
an operational current of typically 350 A. The number of digits can
be programmed, the devices can be reset by software, and an exter-
nal clock is also supported.
The device is available in a QSOP-24 and TQFN(4x4)-24 package.
Figure 1. AS1116 - Typical Application Diagram
2 Key Features
10MHz SPI-Compatible Interface
Open and Shorted LED Error Detection
- Global or Individual Error Detection
Hexadecimal- or BCD-Code for 7-Segment Displays
200nA Low-Power Shutdown Current (typ; data retained)
Individual Digit Brightness Control
Digital and Analog Brightness Control
Display Blanked on Power-Up
Drive Common-Cathode LED Displays
Supply Voltage Range: 2.7 to 5.5V
Software Reset
Optional External Clock
Package:
- QSOP-24 and TQFN(4x4)-24
3 Applications
The AS1116 is ideal for seven-segment or dot matrix displays in pub-
lic information displays at subway, train or bus stations, at airports
and also at displays in public transportation like buses or trains
mobile phones, personal electronic and toys.
AS1116
DIG0 to
DIG7
SEGA to G,
SEG DP
I/O
I/O
I/O
VDD
ISET
SDI
LD
GND
SCL
2.7V to 5.5V
9.53k
µP
8
SDO
AS1116
SDI
LD
SCL
SDO
AS1116
SDI
LD
SCL
SDO
I/O
8
8
8
8
Diagnostic readback: open & shorted LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com