Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT190-50 Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # UT190-50
Description  UltraThin??Gen III LEDs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

UT190-50 Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  UT190-50 Datasheet HTML 1Page - Magnetrol International, Inc. UT190-50 Datasheet HTML 2Page - Magnetrol International, Inc. UT190-50 Datasheet HTML 3Page - Magnetrol International, Inc. UT190-50 Datasheet HTML 4Page - Magnetrol International, Inc. UT190-50 Datasheet HTML 5Page - Magnetrol International, Inc. UT190-50 Datasheet HTML 6Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the
Cree logo and G•SiC are registered trademarks, and UltraThin and UT are trademarks of Cree, Inc.
4
CPR3EP Rev A
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Standard Bins for CxxxUT190-Sxxxx-31 (continued)
LEDchipsaresortedtotheradiant fluxanddominant wavelengthbinsshown.Sorteddiesheetscontaindiefrom
only one bin. Sorted die kit (CxxxUT190-Sxxxx-31) orders may be filled with any or all bins (CxxxUT190-xxxx-31)
contained in the kit. All radiant flux values are measured at If = 20 mA and all dominant wavelength values are
measuredatIf=5mA.
C470UT190-S1000-31
C470UT190-0313-31
C470UT190-0314-31
C470UT190-0315-31
C470UT190-0316-31
C470UT190-0309-31
C470UT190-0310-31
C470UT190-0311-31
C470UT190-0312-31
C470UT190-0305-31
C470UT190-0306-31
C470UT190-0307-31
C470UT190-0308-31
C470UT190-0301-31
C470UT190-0302-31
C470UT190-0303-31
C470UT190-0304-31
Dominant Wavelength
16.0mW
14.0mW
12.0mW
10.0mW
467.5nm
470nm
472.5nm
465nm
475nm
C527UT190-S0300-31
C527UT190-0307-31
C527UT190-0308-31
C527UT190-0309-31
C527UT190-0304-31
C527UT190-0305-31
C527UT190-0306-31
C527UT190-0301-31
C527UT190-0302-31
C527UT190-0303-31
Dominant Wavelength
7.0mW
5.0mW
3.0mW
525nm
530nm
535nm
520nm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com