Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT190-50 Datasheet(PDF) 1 Page - Magnetrol International, Inc.

Part # UT190-50
Description  UltraThin??Gen III LEDs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

UT190-50 Datasheet(HTML) 1 Page - Magnetrol International, Inc.

  UT190-50 Datasheet HTML 1Page - Magnetrol International, Inc. UT190-50 Datasheet HTML 2Page - Magnetrol International, Inc. UT190-50 Datasheet HTML 3Page - Magnetrol International, Inc. UT190-50 Datasheet HTML 4Page - Magnetrol International, Inc. UT190-50 Datasheet HTML 5Page - Magnetrol International, Inc. UT190-50 Datasheet HTML 6Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Subject to change without notice.
www.cree.com
CxxxUT190-Sxxxx-31 Chip Diagram
FEATURES
• SmallChip–190x190x50μm
• UTLEDPerformance
– 450&460nm–12mWmin.
– 470nm–10mWmin.
– 527nm–3.0mWmin.
• LowForwardVoltage
– 2.9VTypicalat5mA
• SingleWireBondStructure
• Class2ESDRating
APPLICATIONS
• MobilePhoneKeypads
• AudioProductDisplayLighting
• MobileApplianceKeypads
• AutomotiveApplications
Cree® UltraThin™ Gen III LEDs
Data Sheet
CxxxUT190-Sxxxx-31
Cree’sUltraThinLEDscombinehighlyefficientInGaNmaterialswithCree’sproprietaryG•SiC®substratetodeliver
superiorprice/performanceforblueLEDs.TheseverticallystructuredLEDchipsaresmallinsizeandrequirealow
forwardvoltage.Cree’sUT™serieschipsaretestedforconformitytoopticalandelectricalspecificationsandthe
abilitytowithstand1000VESD.Applicationsincludekeypadbacklightingwheresub-miniaturizationandthinner
formfactorsarerequired.
Top View
Bottom View
190x190μm
t=50μm
Anode(+)
85-μmDiameter
Die Cross Section
Cathode(-)
80x80μm
BottomSurface
150x150μm
Junction
160x160μm


Similar Part No. - UT190-50

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
Cree UltraThin??Gen III LEDs
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
UltraThin??Gen III LEDs
logo
Marktech Corporate
UT190-50 MARKTECH-UT190-50 Datasheet
304Kb / 6P
Gen III LEDs
UT190-50 MARKTECH-UT190-50_15 Datasheet
304Kb / 6P
Gen III LEDs
More results

Similar Description - UT190-50

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450UT190-0317-30 MARKTECH-C450UT190-0317-30 Datasheet
300Kb / 6P
Cree UltraThin Gen III LEDs
C450UT190-0317-31 MARKTECH-C450UT190-0317-31 Datasheet
304Kb / 6P
Cree UltraThin Gen III LEDs
RT200-5 MARKTECH-RT200-5 Datasheet
376Kb / 6P
Gen III LEDs
logo
Magnetrol International...
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
Cree UltraThin??Gen III LEDs
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
UltraThin??Gen III LEDs
logo
Marktech Corporate
UT190-85 MARKTECH-UT190-85 Datasheet
300Kb / 6P
Gen III LEDs
RT200-5 MARKTECH-RT200-5_15 Datasheet
376Kb / 6P
Gen III LEDs
RT320-20 MARKTECH-RT320-20_15 Datasheet
375Kb / 6P
Gen III LEDs
UT190-50 MARKTECH-UT190-50_15 Datasheet
304Kb / 6P
Gen III LEDs
UT190-85 MARKTECH-UT190-85_15 Datasheet
300Kb / 6P
Gen III LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com